Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 103 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 103 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 99Page - National Semiconductor (TI) PC87338 Datasheet HTML 100Page - National Semiconductor (TI) PC87338 Datasheet HTML 101Page - National Semiconductor (TI) PC87338 Datasheet HTML 102Page - National Semiconductor (TI) PC87338 Datasheet HTML 103Page - National Semiconductor (TI) PC87338 Datasheet HTML 104Page - National Semiconductor (TI) PC87338 Datasheet HTML 105Page - National Semiconductor (TI) PC87338 Datasheet HTML 106Page - National Semiconductor (TI) PC87338 Datasheet HTML 107Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 221 page
background image
103
www.national.com
Bits 7,6 - Density Select Pin Configuration
(DENSEL)
This field can configure the polarity of the Density
Select output signal (DENSEL) as always low or
always high, as shown in Table 4-3. This allows
the user more flexibility with new drive types.
This field overrides the DENSEL polarity defined
by the DENSEL polarity bit of the Advanced Su-
perI/O Chip (ASC) configuration register de-
scribed on page 53.
00 - The DENSEL signal is always low.
01 - The DENSEL signal is always high.
10 - The DENSEL signal is undefined.
11 - The polarity of the DENSEL signal is defined
by the DENSEL Polarity bit (bit 6) of the ASC
register. See page 53. (Default)
TABLE 48. DENSEL Encoding
Execution Phase
Internal registers are written.
Result Phase
None.
3.6.8
The NSC Command
The NSC command can be used to distinguish be-
tween the FDC versions and the 82077.
Command Phase
Execution Phase
Result Phase
The result phase byte of the NSC command identifies
the
floppy
disk
controller
(FDC)
as
a
PC87338/PC97338 by returning a value of 73h.
The 82077 and DP8473 return the value 80 hex, sig-
nifying an invalid command.
Bits 3-0 of this result byte are subject to change by
NSC, and specify the version of the Floppy Disk Con-
troller (FDC).
Bit 7
Bit 6
DENSEL Pin Definition
0
0
DENSEL low
0
1
DENSEL high
1
0
undefined
1
1
Set by ASC register.
7654
3210
0001
1000
7654
3210
0111
0011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com