Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 102 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 102 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 98Page - National Semiconductor (TI) PC87338 Datasheet HTML 99Page - National Semiconductor (TI) PC87338 Datasheet HTML 100Page - National Semiconductor (TI) PC87338 Datasheet HTML 101Page - National Semiconductor (TI) PC87338 Datasheet HTML 102Page - National Semiconductor (TI) PC87338 Datasheet HTML 103Page - National Semiconductor (TI) PC87338 Datasheet HTML 104Page - National Semiconductor (TI) PC87338 Datasheet HTML 105Page - National Semiconductor (TI) PC87338 Datasheet HTML 106Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 221 page
background image
102
www.national.com
If ETR (bit 0) = 1, the controller issues a maxi-
mum of 3925 recalibration step pulses. (De-
fault)
1 - If ETR (bit 0) = 0, the controller issues a maxi-
mum of 255 recalibration step pulses.
If ETR (bit 0) = 1, the controller issues a maxi-
mum of 4095 recalibration step pulses.
Bit 5 - Burst Mode Disable (BST)
This bit enables or disables burst mode, if the
FIFO is enabled (bit 5 in the CONFIGURE com-
mand is 0). If the FIFO is not enabled in the CON-
FIGURE command, then the value of this bit is
ignored.
A software reset enables burst mode, i.e., clears
this bit to its default value of 0, if the LOCK bit (bit
7 of the opcode of the LOCK command) is 0. If it is
1, BST retains its value after a software reset.
0 - Burst mode enabled for FIFO execution phase
data transfers. (Default)
1 - Burst mode disabled.
The FDC issues one DRQ or IRQ6 pulse for
each byte to be transferred while the FIFO is
enabled.
Bit 6 - FIFO Read Disable (FRD)
This bit enables or disables the FIFO for micropro-
cessor read transfers from the controller, if the
FIFO is enabled (bit 5 in the CONFIGURE com-
mand is 0). If the FIFO is not enabled in the CON-
FIGURE command, then the value of this bit is
ignored.
A software reset enables the FIFO for reads, i.e.,
clears this bit to its default value of 0, if the LOCK
bit (bit 7 of the opcode of the LOCK command) is
0. If it is 1, FRD retains its value after a software
reset.
0 - Enable FIFO. Execution phase of micropro-
cessor read transfers use the internal FIFO.
(Default)
1 - Disable FIFO. All read data transfers take
place without the FIFO.
Bit 7 - FIFO Write Enable or Disable (FWR)
This bit enables or disables write transfers to the
controller, if the FIFO is enabled (bit 5 in the CON-
FIGURE command is 0). If the FIFO is not enabled
in the CONFIGURE command, then the value of
this bit is ignored.
A software reset enables the FIFO for writes, i.e.,
clears this bit to its default value of 0, if the LOCK
bit (bit 7 of the opcode of the LOCK command) is
0. If it is 1, FWR retains its value after a software
reset.
0 - Enable FIFO. Execution phase microproces-
sor write transfers use the internal FIFO. (De-
fault)
1 - Disable FIFO. All write data transfers take
place without the FIFO.
Fourth Command Phase Byte
Bits 3-0 - Head Settle Factor
This field is used to specify the maximum time al-
lowed for the read/write head to settle after a seek
during an implied seek operation.
The value specified by these bits (the head settle
factor) is multiplied by the multiplier for selected
data rate to specify a head settle time that is within
the range for that data rate.
Use the following formula to determine the head
settle factor that these bits should specify:
Head Settle Factor x Multiplier = Head Settle Time
Table 47 shows the multipliers and head settle
time ranges for each data transfer rate.
The default head settle factor, i.e., value for these
bits, is 8.
TABLE 47. Multipliers and Head Settle Time
Ranges for Different Data Transfer Rates
Bit 4 - Scan Wild Card (WLD)
This bit determines whether or not FF (hex) from
either the microprocessor or the disk will be recog-
nized during a scan command as a wildcard char-
acter.
0 - An FF (hex) from either the microprocessor or
the disk during a scan command is interpreted
as a wildcard character that always matches.
(Default)
1 - The scan commands do not recognize FF
(Hex) as a wildcard character.
Bit 5 - CMOS Disk Interface Buffer Enable (BFR)
This bit configures drive output signals.
0 - Drive output signals are configured as stan-
dard 4 mA push-pull output signals (40 mA
sink, 4 mA source). (Default)
1 - Drive output signals are configured as 40 mA
open-drain output signals.
Data Transfer
Rate (Kbps)
Multiplier
Head Settle
Time Range (msec)
250
8
0 - 120
300
6.666
0 - 100
500
4
0 - 60
1000
2
0 - 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com