Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 82 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 82 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 78Page - National Semiconductor (TI) PC87338 Datasheet HTML 79Page - National Semiconductor (TI) PC87338 Datasheet HTML 80Page - National Semiconductor (TI) PC87338 Datasheet HTML 81Page - National Semiconductor (TI) PC87338 Datasheet HTML 82Page - National Semiconductor (TI) PC87338 Datasheet HTML 83Page - National Semiconductor (TI) PC87338 Datasheet HTML 84Page - National Semiconductor (TI) PC87338 Datasheet HTML 85Page - National Semiconductor (TI) PC87338 Datasheet HTML 86Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 221 page
background image
82
www.national.com
3.3.7
Data Rate Select Register (DSR),
Offset 100
This write-only register is used to program the data
transfer rate, amount of write precompensation, pow-
er down mode, and software reset.
The data transfer rate is programmed via the CCR,
not the DSR, for PC-AT, PS/2 and Micro Channel ap-
plications. Other applications can set the data transfer
rate in the DSR.
The data rate of the floppy controller is determined by
the most recent write to either the DSR or CCR.
The DSR is unaffected by a software reset. A hard-
ware reset sets the DSR to 02h, which corresponds to
the default precompensation setting and a data trans-
fer rate of 250 Kbps.
FIGURE 50. DSR Register Bitmap
Bits 1,0 - Data Transfer Rate Select 1,0
(DRATE 1,0)
These bits determine the data transfer rate for the
Floppy Disk Controller (FDC), depending on the
supported speeds. See “Tape, SCCs and Parallel
Port Configuration Register (TUP), Index 07h” on
page 51. Table 40 shows the data transfer rate se-
lected by each value of this field.
These bits are unaffected by a software reset, and
are set to 10 (250 Kbps) after a hardware reset.
TABLE 40. Data Transfer Rate Encoding
Bits 4-2 - Precompensation Delay Select
This field sets the write precompensation delay
that the Floppy Disk Controller (FDC) imposes on
the WDATA disk interface output signal, depend-
ing on the supported speeds. See “Tape, SCCs
and Parallel Port Configuration Register (TUP),
Index 07h” on page 51. Table 3-6 shows the delay
for each value of this field.
In most cases, the default delays shown in Table
42 are adequate. However, alternate values may
be used for specific drive and media types.
Track 0 is the default starting track number for pre-
compensation. The starting track number can be
changed using the CONFIGURE command.
TABLE 41. Write Precompensation Delays
TABLE 42. Default Precompensation Delays
Bit 5 - Undefined
Should be set to 0.
Bit 6 - Low Power
This bit triggers a manual power down of the FDC
in which the clock and data separator circuits are
turned off. A manual power down can also be trig-
gered by the MODE command.
After a manual power down, the FDC returns to
normal power after a software reset, or an access
to the Data Register (FIFO) or the Main Status
Register (MSR).
DSR Bits
(DRATE)
Value of Bit 1 of TUP
1
0
0 (24 MHz)
1 (48 MHz)
0
0
500 Kbps
Invalid
0
1
300 Kbps
Invalid
1
0
250 Kbps
Invalid
1
1
1 Mbps
2 Mbpsa
a. Not 100% tested.
76
54
321
0
Reset
Required
0
1
0
0
0
0
0
0
Data Rate Select
Register (DSR)
Offset 100
Precompensation Delay Select
Undefined
Low Power
Software Reset
DRATE1
DRATE0
DSR Bits
Value of Bit 1 of TUP
4
3
2
0 (24 MHz)
1 (48 MHz)
0
0
0
Default (Table 42)
Default (Table 42)
0
0
1
41.7 nsec
20.8 nsec
0
1
0
83.3 nsec
41.7 nsec
0
1
1
125.0 nsec
62.5 nsec
1
0
0
166.7 nsec
83.3 nsec
1
0
1
208.3 nsec
104.2 nsec
1
1
0
250.0 nsec
125.0 nsec
1
1
1
0.0 nsec
0.0 nsec
Data Rate
Precompensation Delay
2 Mbps
20.8 nsec
1 Mbps
41.7 nsec
500 Kbps
125.0 nsec
300 Kbps
125.0 nsec
250 Kbps
125.0 nsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com