Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 95 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 95 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 91Page - National Semiconductor (TI) PC87338 Datasheet HTML 92Page - National Semiconductor (TI) PC87338 Datasheet HTML 93Page - National Semiconductor (TI) PC87338 Datasheet HTML 94Page - National Semiconductor (TI) PC87338 Datasheet HTML 95Page - National Semiconductor (TI) PC87338 Datasheet HTML 96Page - National Semiconductor (TI) PC87338 Datasheet HTML 97Page - National Semiconductor (TI) PC87338 Datasheet HTML 98Page - National Semiconductor (TI) PC87338 Datasheet HTML 99Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 221 page
background image
95
www.national.com
3.6.3
The DUMPREG Command
The DUMPREG command supports system run-time
diagnostics, and application software development
and debugging.
DUMPREG has a one-byte command phase (the op-
code) and a 10-byte result phase, which returns the
values of parameters set in other commands. See the
commands that set each parameter for a detailed de-
scription of the parameter.
Command Phase
Execution Phase
Internal registers read.
Result Phase
After a hardware or software reset, parameters in this
phase are reset to their default values. Some of these
parameters are unaffected by a software reset, de-
pending on the state of the LOCK bit.
See the command that determines the setting for the
bit or field for details.
First through Fourth Result Phase Bytes, Bits 7-0,
Present Track Number (PTR) Drives 3-0
Each of these bytes contains either the internal 8-
bit track number or the least significant byte of the
12-bit track number of the corresponding logical
disk drive.
Fifth and Sixth Result Phase Bytes, Bits 7-0,
Step Rate Time, Motor Off Time, Motor On Time
and DMA
These fields are all set by the SPECIFY command.
See Section 3.6.21 on page 116.
Seventh Result Phase Byte -
Sectors Per Track or End of Track (EOT)
This byte varies depending on what commands
have been previously executed.
If the last command issued was a FORMAT
TRACK command, and no read or write com-
mands have been issued since then, this byte con-
tains the sectors per track value.
If a read or a write command was executed more
recently than a FORMAT TRACK command, this
byte specifies the number of the sector at the End
of the Track (EOT).
Eighth Result Phase Byte
Bit 7 - LOCK
This bit controls how the other bits in this com-
mand respond to a software reset. See page 100.
The value of this is determined by bit 7 of the op-
code of the LOCK command.
0 -Bits in this command are set to their default
values after a software reset. (Default)
1 - Bits in this command are unaffected by a soft-
ware reset.
Bits 5-0 - DC3-0, GDC
Bits 5-0 of the second command phase byte of the
PERPENDICULAR MODE command set bits 5-0
of this byte. See page 105.
Ninth and Tenth Result Phase Bytes
These bytes reflect the values in the third and
fourth command phase bytes of the CONFIGURE
command. See page 94.
7654
3210
0000
1110
7654
3210
Byte of Present Track Number (PTR) Drive 0
Byte of Present Track Number (PTR) Drive 1
Byte of Present Track Number (PTR) Drive 2
Byte of Present Track Number (PTR) Drive 3
Step Rate Time (SRT)
Delay After Processing
Delay Before Processing
DMA
Sectors per Track or End of Track (EOT) Sector #
LOCK
0
DC3
DC2
DC1
DC0
GDC
0
EIS
FIFO POLL
THRESH
Precompensation Track Number (PRETRK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com