Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 39Page - National Semiconductor (TI) PC87338 Datasheet HTML 40Page - National Semiconductor (TI) PC87338 Datasheet HTML 41Page - National Semiconductor (TI) PC87338 Datasheet HTML 42Page - National Semiconductor (TI) PC87338 Datasheet HTML 43Page - National Semiconductor (TI) PC87338 Datasheet HTML 44Page - National Semiconductor (TI) PC87338 Datasheet HTML 45Page - National Semiconductor (TI) PC87338 Datasheet HTML 46Page - National Semiconductor (TI) PC87338 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 221 page
background image
43
www.national.com
Reserved
Reserved
Reserved
Legacy/Plug-and Play Mode
ECP DMA Number
SCC1 Interrupt
Parallel Port IRQ Select
Parallel Port Interrupt Mapping
Parallel Port DMA
Plug and Play Support
76
54
321
0
Register 1 (SCF1)
Reset
Required
Index 18h
x
0
0
0
0
0
x
x
76
54
321
0
Reset
Required
x
x
x
0
0
0
0
0
(PNP0)
Plug and Play Configuration
Index 1Bh
Register 0
SCC2 Interrupt Mapping
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
(PNP1)
Plug and Play Configuration
Index 1Ch
Register 1
Mapping
SuperI/O Chip
Configuration
76
54
321
0
Register 2 (SCF2)
Reset
Required
Index 40h
SuperI/O Chip
VLD1,0
Reserved
Reserved
SCC1 Bank Select Enable
SCC2 Normal Power Mode
SCC2 is Busy
SCC2 Bank Select Enable
Configuration
FDC Interrupt Mapping
FDC DMA Plug-and-Play Support
Reserved
76
54
321
0
Reset
Required
0
0
0
0
1
1
0
0
(PNP2)
Plug and Play Configuration
Index 41h
Register 2
76
543
21
0
Reset
Required
A2
A3
A4
A5
A6
A7
A8
A9
(PBAL)
Parallel Port Base Address
Index 42h
Low Byte Register
Reserved
Reserved
A10
A11
A12
A13
A14
A15
Reserved
Reserved
Reserved
A10
Reserved
Reserved
Reserved
Reserved
Address Length
765
432
10
Reset
Required
11 Bits
16 bits
CFG0 = 1
CFG0 = 0
(PBAH)
Parallel Port Base Address
Index 43h
High Byte Register
76
543
21
0
Reset
Required
Reserved
A3
A4
A5
A6
A7
A8
A9
(S1BAL)
SCC1 Base Address
Index 44h
Low Byte Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com