Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 61Page - National Semiconductor (TI) PC87338 Datasheet HTML 62Page - National Semiconductor (TI) PC87338 Datasheet HTML 63Page - National Semiconductor (TI) PC87338 Datasheet HTML 64Page - National Semiconductor (TI) PC87338 Datasheet HTML 65Page - National Semiconductor (TI) PC87338 Datasheet HTML 66Page - National Semiconductor (TI) PC87338 Datasheet HTML 67Page - National Semiconductor (TI) PC87338 Datasheet HTML 68Page - National Semiconductor (TI) PC87338 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 221 page
background image
65
www.national.com
TABLE 29. SIRQI2 Plug and Play Interrupt Map-
ping
Bit 4 - Invert SIRQI2
In the following, x may equal 3, 4, 5, 6, 7, 9, 10, 11,
12 or 15, according to bits 3-0 of this register.
0 - SIRQI2 is not inverted. IRQx = SIRQI2.
1 - SIRQI2 is inverted. IRQx = inverted SIRQI2.
Bit 5 - SIRQI2 Status
This bit is read-only. It holds the value of SIRQI2,
when SIRQI2 controls its pin.
Bits 7,6 - Select MSEN1, DRATE1, CS0 or SIRQI2
These bits are ignored when bit 0 of the SCF3 reg-
ister is 1. Setting bit 0 of the SCF3 register to 1
gives DACK3 control of the pin it shares with
MSEN1, DRATE1, CS0 and SIRQI2.
Table 30 shows how the values of these bits con-
trol which signal uses the pin they share.
TABLE 30. Selecting MSEN1, DRATE1, CS0 or
SIRQI2
2.3.35 System IRQ Input 3 Configuration
Register (SIRQ3), Index 4Eh
This register allows configuration of the SIRQI3 sig-
nal. See Table 32.
SIRQ3 is initialized to 00x00000 during reset.
FIGURE 37. SIRQ3 Register Bitmap
Bits 3-0 - SIRQI3 Mapping
When SIRQI3 controls its pin, it can be routed onto
one of the following ISA interrupts: IRQ3-IRQ7,
IRQ9-IRQ12 and IRQ15. See Table 31.
Unpredictable results when invalid values are writ-
ten. IRQ5, IRQ12 and IRQ15 can not always be
configured. For more details, refer to Section 6.
It is the software‘s responsibility to route all inter-
rupt sources onto the ISA interrupts correctly.
Bit 3
Bit 2
Bit 1
Bit 0
Interrupt
00
0
0
Disable
0
0
0
1
Invalid
0
0
1
0
Invalid
00
1
1
IRQ3
01
0
0
IRQ4
01
0
1
IRQ5
01
1
0
IRQ6
01
1
1
IRQ7
1
0
0
0
Invalid
10
0
1
IRQ9
10
1
0
IRQ10
10
1
1
IRQ11
11
0
0
IRQ12
1
1
0
1
Invalid
1
1
1
0
Invalid
11
1
1
IRQ15
Bit 0 of
SCF3
Bit 7 of
SIRQ2
Bit 6 of
SIRQ2
Signal that
Uses the Pin
0
0
0
MSEN1
0
0
1
DRATE1
01
0
CS0
01
1
SIRQI2
1x
x
DACK3
Select DRV2, DR23, PNF or SIRQI3
76
543
21
0
Reset
Required
0
0
0
0
0
0
(SIRQ3)
System IRQ Input 3
Index 4Eh
Configuration Register
Invert SIRQI3
SIRQI3 Status
SIRQI3 Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com