Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 45Page - National Semiconductor (TI) PC87338 Datasheet HTML 46Page - National Semiconductor (TI) PC87338 Datasheet HTML 47Page - National Semiconductor (TI) PC87338 Datasheet HTML 48Page - National Semiconductor (TI) PC87338 Datasheet HTML 49Page - National Semiconductor (TI) PC87338 Datasheet HTML 50Page - National Semiconductor (TI) PC87338 Datasheet HTML 51Page - National Semiconductor (TI) PC87338 Datasheet HTML 52Page - National Semiconductor (TI) PC87338 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 221 page
background image
49
www.national.com
Bit 1 - Select MSEN0 or DRATE0
This bit is initialized to 0 during reset, thus select-
ing MSEN0.
0 - MSEN0 is selected on the pin. (Default)
1 - DRATE0 is selected on the pin.
Bit 2 - Reserved
This bit is reserved.
Bit 3 - Parallel Port Multiplexor (PPM) Float
Control
When this bit is zero, the PPM pins are driven.
Otherwise, they are in TRI-STATE. Bit 3 is also
functional when the PPM is not configured. (The
PPM is configured when bits 7,6 of SIRQ3 are 10,
and bit 1 of SCF3 is 0.)
When this bit is set the PPM output signals are in
TRI-STATE and the input signals are blocked to re-
duce their leakage current. The values of the
blocked
input
signals
are:
BUSY=1,
PE=0,
SLCT=0, ACK=1 and ERR=1.
To avoid undefined FDC input signals, the PPM
can be disabled before this bit is set.
0 - The PPM pins are driven.
1 - The PPM pins are in TRI-STATE and the pul-
lup resistors are disconnected.
Bit 4 - Reserved
This bit is reserved and is always 0.
Bit 5 - Zero Wait State Enable
0 - No ZWS enabled.
1 - If pin 3 is configured as ZWS (see bit 6), ZWS
is driven low when the Enhanced Parallel Port
(EPP) or the ECP can accept a short host
read/write-cycle; otherwise the ZWS open
drain output signal is not driven. EPP ZWS
operation should be configured when the sys-
tem’s device is fast enough to support it.
Bit 6 - Select ZWS or CS1 on pin 3
0 - ZWS function is selected on pin 3.
1 - CS1 function is selected on pin 3
Bit 7 - Reserved
Reserved bit. Write 0.
2.3.6
Printer Control Register (PCR),
Index 04h
This register enables the EPP, ECP, version modes,
and interrupt options. See Table 15.
TABLE 15. Parallel Port Mode
On reset all the bits of PCR are cleared to 0.
FIGURE 7. PCR Register Bitmap
Bit 0 - EPP Enable
0 - The EPP is disabled, and the EPP registers
are not accessible (access ignored).
1 - If bit 2 of PCR is 0, the EPP is enabled. The
EPP should not be configured with base ad-
dress 3BCh.
Bit 1 - EPP Version Select
0 - Version 1.7 is supported.
1 - Version 1.9 is supported (IEEE 1284).
Bit 2 - ECP Enable
Enables or disables ECP mode. In Plug and Play
mode, IRQ7-3, IRQ12-9 or IRQ15 are selected via
the PNP0 register.
0 - The ECP is disabled and in power-down
mode. The ECP registers are not accessible
(access ignored), the ECP interrupt is inactive
and DMA request pin is in TRI-STATE. The
IRQ5,7 input signals are blocked to reduce
their leakage currents.
1 - The ECP is enabled. The software should
change this bit to 1 only when bits 2-0 of the
existing CTR are 100.
Operation
Mode
Bit 0 of
FER
Bit 7 of
PTR
Bit 0 of
PCR
Bit 2 of
PCR
None
0
X
X
X
Compatible
1
0
0
0
Extended
1
1
0
0
EPP
1
0
1
0
ECP
1
X
0
1
EPP Enable
EPP Version Select
ECP Enable
ECP Clock Freeze Control
Reserved
Parallel Port Open-Drain Control
Parallel Port Interrupt I/O Control
76
543
21
0
Register (PCR)
Reset
Required
Parallel Port Control
Index 04h
0
0
0
0
0
0
0
0
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com