Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 13Page - National Semiconductor (TI) PC87338 Datasheet HTML 14Page - National Semiconductor (TI) PC87338 Datasheet HTML 15Page - National Semiconductor (TI) PC87338 Datasheet HTML 16Page - National Semiconductor (TI) PC87338 Datasheet HTML 17Page - National Semiconductor (TI) PC87338 Datasheet HTML 18Page - National Semiconductor (TI) PC87338 Datasheet HTML 19Page - National Semiconductor (TI) PC87338 Datasheet HTML 20Page - National Semiconductor (TI) PC87338 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 221 page
background image
17
www.national.com
TABLE 101 Interrupt Support in Legacy Mode for IRQ 5, 12 and 15 ........................................................... 191
TABLE 102 TRI-STATE Condition for Interrupts in Legacy Mode ................................................................. 19 2
TABLE 103 Interrupt Support in Plug and Play Mode for IRQ3, 4, 6, 7, 9, 10 or 11 ...................................... 193
TABLE 104 Interrupt Support in Plug and Play Mode for IRQ 5, 12 or 15 ..................................................... 193
TABLE 105 TRI-STATE Conditions for Interrupts in Plug and Play Mode .................................................... 193
TABLE 106 Group 1 Power-Down ................................................................................................. ............... 194
TABLE 107 Clock Multiplier Encoding Options ............................................................................................. 196
TABLE 108 Capacitance: TA 0°C to 70°C, VDD = 5V +/- 10% or 3.3V +/- 10%, VSS = 0V ........................... 197
TABLE 109 Power Consumption ................................................................................................................... 197
TABLE 110 DC Characteristics of Group 1 Pins .......................................................................................... 198
TABLE 111 DC Characteristics of Group 2 Pins ........................................................................................... 198
TABLE 112 DC Characteristics of Group 3 Pins ........................................................................................... 199
TABLE 113 DC Characteristics of Group 4 Pins .......................................................................................... 199
TABLE 114 DC Characteristics of Group 5 Pins .......................................................................................... 199
TABLE 115 DC Characteristics of Group 6 Input Pins .................................................................................. 200
TABLE 116 DC Characteristics of Group 6 Output Pins ............................................................................... 200
TABLE 117 DC Characteristics of Group 7 Pins ........................................................................................... 200
TABLE 118 DC Characteristics of Group 8 Pins .......................................................................................... 200
TABLE 119 DC Characteristics of Group 9 Pins .......................................................................................... 201
TABLE 120 DC Characteristics of Group 10 Pins ........................................................................................ 201
TABLE 121 DC Characteristics of Group 11 Pins ........................................................................................ 201
TABLE 122 DC Characteristics of Group 12 Pins ........................................................................................ 202
TABLE 123 DC Characteristics of Group 13 Pins ........................................................................................ 202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com