Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 97 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 97 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 93Page - National Semiconductor (TI) PC87338 Datasheet HTML 94Page - National Semiconductor (TI) PC87338 Datasheet HTML 95Page - National Semiconductor (TI) PC87338 Datasheet HTML 96Page - National Semiconductor (TI) PC87338 Datasheet HTML 97Page - National Semiconductor (TI) PC87338 Datasheet HTML 98Page - National Semiconductor (TI) PC87338 Datasheet HTML 99Page - National Semiconductor (TI) PC87338 Datasheet HTML 100Page - National Semiconductor (TI) PC87338 Datasheet HTML 101Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 221 page
background image
97
www.national.com
Table 44 shows the number of bytes in a data field
for each code.
TABLE 44. Bytes per Sector Codes
Fourth Command Phase Byte - Sectors Per Track
The value in this byte specifies how many sectors
there are in the track.
Fifth Command Phase Byte - Bytes in Gap 3
The number of bytes in gap 3 is programmable.
The number to program for Gap 3 depends on the
data transfer rate and the type of the disk drive.
Table 46 shows some typical values to use for
Gap 3.
Figure 58 illustrates the track format for each of
the formats recognized by the FORMAT TRACK
command.
Sixth Command Phase Byte - Data Pattern
This byte contains the contents of the data field.
Execution Phase
The system transfers four ID bytes (track number,
head number, sector number and bytes-per-sector
code) per sector to the Floppy Disk Controller (FDC)
in either a DMA or a non-DMA mode. Section 3.4.2 on
page 85 describes these modes.
The entire track is formatted. The data block in the
data field of each sector is filled with the data pattern
byte.
Only the first three status bytes in this phase are sig-
nificant.
Bytes-Per-Sector Code
(hex)
Bytes in Data Field
00
128
01
256
02
512
03
1024
04
2048
05
4096
06
8192
07
16384
TABLE 45. Typical Values for PC Compatible Diskette Media
Media Type
Bytes in Data
Field (decimal)
Bytes-Per-Sector
Code (hex)
End of Track (EOT)
Sector # (hex)
Bytes in Gap 2
a
(hex)
a. Gap 2 is specified in the command phase of read, write, scan, and verify commands. Although this is the recom-
mended value, the FDC ignores this byte in read, write, scan and verify commands.
Bytes in Gap 3
b
(hex)
b. Gap 3 is the suggested value for the programmable GAP3 that is used in the FORMAT TRACK command and is
illustrated in Figure 58.
360 KB
512
02
09
2A
50
1.2 MB
512
02
0F
1B
54
720 KB
512
02
09
1B
50
1.44 MB
512
02
12
1B
6C
2.88 MBc
c. The 2.88 MB diskette media is a barium ferrite media intended for use in perpendicular recording drives at the
data rate of up to 1 Mbps.
512
02
24
1B
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com