Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 19Page - National Semiconductor (TI) PC87338 Datasheet HTML 20Page - National Semiconductor (TI) PC87338 Datasheet HTML 21Page - National Semiconductor (TI) PC87338 Datasheet HTML 22Page - National Semiconductor (TI) PC87338 Datasheet HTML 23Page - National Semiconductor (TI) PC87338 Datasheet HTML 24Page - National Semiconductor (TI) PC87338 Datasheet HTML 25Page - National Semiconductor (TI) PC87338 Datasheet HTML 26Page - National Semiconductor (TI) PC87338 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 221 page
background image
23
www.national.com
ASTRB
81
79
O
Group 11
Address Strobe. This active-low signal is used in EPP mode as an
address strobe.
ASTRB is multiplexed with SLIN and STEP. See Table 72 for more
information.
BADDR0
BADDR1
74
73
72
71
I
Group 1
SIO Base Address Straps 0 and 1. These bits must be externally
strapped to determine which one of four base address options for
the INDEX and DATA registers will be used by the system after
reset. See Table 8.
If BADDR1 = 0 and BADDR0 = 1 during reset, the chip “wakes up”
without a base address and the Plug and Play protocol should be
applied. For more details see Section 2.
These pins are internally grounded by a 30 K
Ω pull-down resistor.
To strap these pins high, pull them up to Vcc with a 10 KΩ resistor.
BADDR0 is multiplexed with RTS1, and BADDR1 is multiplexed with
SOUT1 (and BOUT1 in PC87338 only).
BOUT1
BOUT2
73
(71)
65
(63)
71
(69)
63
(61)
O
Group 7
SCC Baud Output signals 1 and 2. These multi-function pins
provide the associated serial channel Baud Rate generator output
signal for SCC1 or SCC2, if test mode is selected in the Power and
Test Configuration Register (PTR) and the DLAB bit (LCR7) is set.
BOUT1 is multiplexed with SOUT1 and BADDR1. BOUT2 is
multiplexed with SOUT2, IRTX and CFG0 (in PC87338 only).
BOUT1 is multiplexed with DTR1. BOUT2 is multiplexed with DTR2
and A12 (in PC97338 only).
BUSY
84
82
I
Group 2
Busy. This parallel port signal is set high by the external printer
when it cannot accept another character.
This pin is internally grounded by a nominal 25 K
Ω pull-down
resistor.
BUSY is multiplexed with MTR1 and WAIT. (See Table 72 for more
information).
CFG0
65
63
I
Group 9
Configuration. This CMOS input signal is externally strapped to
select one of two default configurations in which the Chip powers
up (see Table 6).
This pin is internally grounded by a 30 K
Ω pull-down resistor. To
strap this pin high, pull it up to VCC with a 10 KΩ resistor.
CFG0 is multiplexed with SOUT2 and IRTX.
CS0
CS1
51
3
49
1
O
Group 8
Programmable Chip Select signals 0 and 1. CS1,0 are
programmable chip select and/or latch enable and/or output enable
signals that can be used as game port, I/O expander, etc.
The decoded address and the assertion conditions are configured
via the Chip configuration registers, indexed by 0Ah-0Dh, 10h-11h,
03h and 4Dh.
CS1,0 are push-pull output signals.
CS0 is multiplexed with DRATE1, MSEN1, SIRQI2 and DACK3.
CS1 is multiplexed with ZWS.
Symbol
PQFP
Pin
TQFP
Pin
I/O and
Group #
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com