Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 50Page - National Semiconductor (TI) PC87338 Datasheet HTML 51Page - National Semiconductor (TI) PC87338 Datasheet HTML 52Page - National Semiconductor (TI) PC87338 Datasheet HTML 53Page - National Semiconductor (TI) PC87338 Datasheet HTML 54Page - National Semiconductor (TI) PC87338 Datasheet HTML 55Page - National Semiconductor (TI) PC87338 Datasheet HTML 56Page - National Semiconductor (TI) PC87338 Datasheet HTML 57Page - National Semiconductor (TI) PC87338 Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 221 page
background image
54
www.national.com
1 - During reset, if CFG0 = 0, decode four ad-
dress bits (A15-A12) and compare them to
bits 7-4 of CS0HA. Bits 3-0 of CS0HA and bits
7-0 of CS0LA are ignored.
During reset, if CFG0 = 1, it is illegal to set
this bit to 1.
Bit 4 - CS0 Assert Enable (Write)
0 - Do not enable CS0 assertion on write cycles.
1 - Enable CS0 assertion on write cycles.
Bit 5 - CS0 Assert Enable (Read)
0 - Do not enable CS0 assertion on read cy-
cles.
1 - Enable CS0 assertion on read cycles.
Bits 7,6 - Reserved
These bits are reserved.
2.3.13 Chip Select 1 Low Address
Register (CS1LA), Index 0Ch
This register holds the low address bits of the moni-
tored I/O address. See CS1HA and CS1CF for com-
plementary description. Bit 0 holds A0.
FIGURE 14. CS1LA Register Bitmap
2.3.14 Chip Select 1 Configuration
Register (CS1CF), Index 0Dh
This register controls the behavior of the CS1 pin.
CS1 is asserted on non-DMA PIO cycles, when RD or
WR is asserted. CS1 can be asserted only on reads
or writes or on all cycles. The register is initialized to
0 during reset.
FIGURE 15. CS1CF Register Bitmap
Bits 2-0 - Reserved
These bits are reserved.
Bit 3 - Number of Decoded Address Bits
0 - If during reset CFG0 = 0, decode 16 address
bits (A15-A0) and compare them to CS1HA
and CS1LA bits.
If during reset CFG0 = 1, decode 11 address
bits (A10-A0) and compare them to bits 2-0 of
CS1HA and bits 7-0 of CS1LA. Bits 7-3 of
CS1HA are ignored.
1 - If during reset CFG[0]=0, decode 14 address
bits (A15-A2) and compare them to bits 7-0 of
CS1HA and bits 7-2 of CS1LA. Bits 1,0 of
CS1LA are ignored.
If during reset CFG0 = 1. decode nine ad-
dress bits (A10-A2) and compare them to bits
2-0 of CS1HA and bits 7-2 of CS1LA. Bits 7-3
of CS1HA and bits 1-0 of CS1LA are ignored.
Bit 4 - CS1 Assert Enable (Write)
0 - Do not enable CS1 assertion on write cycles.
1 - Enable CS1 assertion on write cycles.
Bit 5 - CS1 Assert Enable (Read)
0 - Do not enable CS1 assertion on read cycles.
1 - Enable CS1 assertion on read cycles.
Bits 7,6 - Reserved
These bits are reserved.
76
543
21
0
Reset
Required
A0
A1
A2
A3
A4
A5
A6
A7
(CS1LA)
Chip Select 1
Index 0Ch
Low Address Register
76
543
21
0
Reset
Required
0
0
0
0
0
0
0
0
Reserved
Reserved
Reserved
Reserved
Reserved
(CS1CF)
Chip Select 1
Index 0Dh
Configuration Register
Number of Decoded Address Bits
CS1 Assert Enable (Write)
CS1 Assert Enable (Read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com