Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 81 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 81 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 77Page - National Semiconductor (TI) PC87338 Datasheet HTML 78Page - National Semiconductor (TI) PC87338 Datasheet HTML 79Page - National Semiconductor (TI) PC87338 Datasheet HTML 80Page - National Semiconductor (TI) PC87338 Datasheet HTML 81Page - National Semiconductor (TI) PC87338 Datasheet HTML 82Page - National Semiconductor (TI) PC87338 Datasheet HTML 83Page - National Semiconductor (TI) PC87338 Datasheet HTML 84Page - National Semiconductor (TI) PC87338 Datasheet HTML 85Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 221 page
background image
81
www.national.com
FIGURE 49. MSR Register Bitmap
Bit 0 - Drive 0 Busy
This bit indicates whether or not drive 0 is busy.
It is set to 1 after the last byte of the command
phase of a SEEK or RECALIBRATE command is
issued for drive 0.
This bit is cleared to 0 after the first byte in the re-
sult phase of the SENSE INTERRUPT command
is read for drive 0.
0 - Not busy.
1 - Busy.
Bit 1 - Drive 1 Busy
This bit indicates whether or not drive 1 is busy.
It is set to 1 after the last byte of the command
phase of a SEEK or RECALIBRATE command is
issued for drive 1.
This bit is cleared to 0 after the first byte in the re-
sult phase of the SENSE INTERRUPT command
is read for drive 1.
0 - Not busy.
1 - Busy.
Bit 2 - Drive 2 Busy
This bit indicates whether or not drive 2 is busy.
It is set to 1 after the last byte of the command
phase of a SEEK or RECALIBRATE command is
issued for drive 2.
This bit is cleared to 0 after the first byte in the re-
sult phase of the SENSE INTERRUPT command
is read for drive 2.
0 - Not busy.
1 - Busy.
Bit 3 - Drive 3 Busy
This bit indicates whether or not drive 3 is busy.
It is set to 1 after the last byte of the command
phase of a SEEK or RECALIBRATE command is
issued for drive 3.
This bit is cleared to 0 after the first byte in the re-
sult phase of the SENSE INTERRUPT command
is read for drive 3.
0 - Not busy.
1 - Busy.
Bit 4 - Command in Progress
This bit indicates whether or not a command is in
progress. It is set after the first byte of the com-
mand phase is written. This bit is cleared after the
last byte of the result phase is read.
If there is no result phase in a command, the bit is
cleared after the last byte of the command phase
is written.
0 - No command is in progress.
1 - A command is in progress.
Bit 5 - Non-DMA Execution
This bit indicates whether or not the controller is in
the execution phase of a byte transfer operation in
non-DMA mode.
This bit is used for multiple byte transfers by the
microprocessor in the execution phase through in-
terrupts or software polling.
0 - The FDC is not in the execution phase.
1 - The FDC is in the execution phase.
Bit 6 - Data I/O (Direction)
Indicates whether the controller is expecting a byte
to be written or read, to or from the Data Register
(FIFO).
0 - Data will be written to the FIFO.
1 - Data will be read from the FIFO.
Bit 7 - Request for Master (RQM)
This bit indicates whether or not the controller is
ready to send or receive data from the micropro-
cessor through the Data Register (FIFO). It is
cleared to 0 immediately after a byte transfer and
is set to 1 again as soon as the disk controller is
ready for the next byte.
During a Non-DMA execution phase, this bit indi-
cates the status of the interrupt.
0 - Not ready. (Default)
1 - Ready to transfer data.
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
Main Status
Register (MSR)
Offset 100
Drive 2 Busy
Non-DMA Execution
Data I/O Direction
RQM
Drive 1 Busy
Drive 3 Busy
Command in Progress
Drive 0 Busy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com