Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 53Page - National Semiconductor (TI) PC87338 Datasheet HTML 54Page - National Semiconductor (TI) PC87338 Datasheet HTML 55Page - National Semiconductor (TI) PC87338 Datasheet HTML 56Page - National Semiconductor (TI) PC87338 Datasheet HTML 57Page - National Semiconductor (TI) PC87338 Datasheet HTML 58Page - National Semiconductor (TI) PC87338 Datasheet HTML 59Page - National Semiconductor (TI) PC87338 Datasheet HTML 60Page - National Semiconductor (TI) PC87338 Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 221 page
background image
57
www.national.com
2.3.19 Plug and Play Configuration 0
Register (PNP0), Index 1Bh
This register allows configurable mapping of the par-
allel port’s interrupt onto the ISA interrupts. Upon re-
set, PNP0 is initialized to 00000xxx.
FIGURE 20. PNP0 Register Bitmap
Bits 2-0 - Parallel Port IRQ Select
These bits are reflected on bits 5-3 of the CNFGB
ECP register. Bit 0 of PNP0 is reflected on bit 3 of
CNFGB.
Upon reset, these bits are undefined.
Microsoft’s ECP Protocol and ISA Interface Stan-
dard defines these bits as shown in Table 20.
TABLE 20. Parallel Port Plug and Play Interrupt
Assignment
Bit 3 - Select Legacy or Plug and Play Mode
Upon reset this bit is initialized to 0. This bit may
be modified only when all modules are disabled. In
both modes, the Chip can decode 11-bit address-
es or 16-bit addresses, according to the strap pin
CFG0. Decoding of 10-bit addresses is not sup-
ported.
0 - Legacy mode. (Default)
The interrupts and the base addresses of the
FDC, SCC1, SCC2 and the parallel port are
configured as in legacy devices, i.e., as in pre-
vious SuperI/O chips. DMA channels are con-
figurable under this mode.
1 - Plug and Play mode.
The interrupts, the DMA channels and the
base addresses of the FDC, SCC1, SCC2
and the parallel port are fully Plug and Play.
Bits 7-4 - Parallel Port Interrupt Mapping
Parallel port interrupt mapping in Plug and Play
mode. Upon reset these bits are initialized to 0000.
When enabled it can be routed onto one of the fol-
lowing ISA interrupts: IRQ7-3, IRQ12-9 and
IRQ15, as shown in Table 21.
TABLE 21. Parallel Port Plug and Play Interrupt
Mapping
Disable means the interrupt of the parallel port is
not routed to any ISA interrupt. Unpredictable re-
sults when invalid values are written. IRQ5, IRQ12
and IRQ15 can not always be configured. For
more details, see Section 6 on page 190.
It is the software‘s responsibility to route all inter-
rupt sources onto the ISA interrupts correctly.
These bits work with bits 2-0, to select the interrupt
destination for the parallel port. However, the ac-
Bit 2Bit 1Bit 0
Interrupt Assignment
0
0
0
Parallel port’s interrupt is
selected by jumpers
0
0
1
IRQ7 is parallel port’s interrupt
0
1
0
IRQ9 is parallel port’s interrupt
0
1
1
IRQ10 is parallel port’s interrupt
1
0
0
IRQ11 is parallel port’s interrupt
1
0
1
IRQ14 is parallel port’s interrupt
1
1
0
IRQ15 is parallel port’s interrupt
1
1
1
IRQ5 is parallel port’s interrupt
Select Legacy or Plug-and Play Mode
Parallel Port IRQ Select
Parallel Port Interrupt Mapping
76
543
21
0
Reset
Required
x
x
x
0
0
0
0
0
(PNP0)
Plug and Play Configuration
Index 1Bh
Register 0
Bit 7Bit 6Bit 5
Bit 4
Interrupt
000
0
Disable
000
1
Invalid
001
0
Invalid
001
1
IRQ3
010
0
IRQ4
010
1
IRQ5
011
0
IRQ6
011
1
IRQ7
100
0
Invalid
100
1
IRQ9
101
0
IRQ10
101
1
IRQ11
110
0
IRQ12
110
1
Invalid
111
0
Invalid
111
1
IRQ15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com