Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 35Page - National Semiconductor (TI) PC87338 Datasheet HTML 36Page - National Semiconductor (TI) PC87338 Datasheet HTML 37Page - National Semiconductor (TI) PC87338 Datasheet HTML 38Page - National Semiconductor (TI) PC87338 Datasheet HTML 39Page - National Semiconductor (TI) PC87338 Datasheet HTML 40Page - National Semiconductor (TI) PC87338 Datasheet HTML 41Page - National Semiconductor (TI) PC87338 Datasheet HTML 42Page - National Semiconductor (TI) PC87338 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 221 page
background image
39
www.national.com
2.2.6
Plug and Play Protocol
The following protocol is based on the Plug and Play
ISA Specification 1.0a. It should be applied on power-
up, if during reset BADDR1 = 0 and BADDR0 = 1. It is
not applicable otherwise. For any other reset values
of BADDR0,1, the hardware does not respond.
This protocol is used to determine the addresses of
the INDEX and DATA registers. When the protocol is
applied, the CPU interrupts should be disabled.
Upon power up, an initiation key must be written to
one of the following I/O ports: 279h, 3BDh or 3F0h.
The initiation key consists of a predefined series of
write operations. All of the write operations in the se-
ries must be to the same port. These ports are write
only. The ports are chosen so as to avoid conflicts in
the installed base of ISA functions. (These ports serve
as read-only registers in legacy devices.) The write
sequence is decoded by the Chip.
If the proper series of I/O writes is detected, the con-
figuration of the Chip base address (address of the In-
dex register) follows. The base address of the Chip is
configured by two additional I/O writes to the chosen
I/O port (the same I/O port to which the initiation key
was written). The data in the first write holds the eight
high address bits of the Chip base address. The data
in the second write holds the eight low address bits of
the Chip base address. Once these two I/O writes are
accomplished, the INDEX and DATA registers are ac-
cessible and the Chip is configurable.
Since this protocol is based on the Plug and Play ISA
Specification 1.0a, software should conclude this pro-
tocol with a sequence of two write cycles of 0x00 to
the chosen I/O port. Once the Plug and Play protocol
is concluded, it can not be applied again until a hard-
ware reset is asserted. CPU interrupts can be en-
abled at this point. The addresses of the INDEX and
DATA registers are still reconfigurable, via the SBAL
and SBAH configuration registers, as explained in the
Section “Relocating the INDEX and DATA Register
Pair” on page 40.
The hardware check of the initiation key is implement-
ed as a linear feedback shift register (LFSR). See
“The Linear Feedback Shift Register (LFSR)” on page
40. Software generates the LFSR sequence and
writes it to one of the three I/O ports defined above as
a sequence of 8-bit write cycles (all writes are to the
same I/O port). Hardware compares the byte of write
data with the value in the shift register at each write.
When the data does not match, the hardware resets
to the initial value of the LFSR. Software should reset
the LFSR to its initial value using a sequence of two
write cycles of 0x00 to the chosen port (one of the
three I/O ports) before the initiation key is sent.
Figure 1 shows the flowchart of the Plug and Play pro-
tocol.
FIGURE 1. Plug and Play Protocol Flowchart
Reset
Wait for Key
Is this
the first value
of the key?
Save the address
Wait for the
next value of
the key
Is this
the next value
in the key?
Is this
the last value
in the key?
SBAH
update mode
Update SBAH with
the data
SBAL
update mode
Update SBAL with
the data
INDEX and DATA
registers are
accessible
Reset signal inactive
I/O Write to 279h, 3F0h or 3BDh
I/O write to the saved address
I/O write to the saved address
I/O write to the saved address
Any
End
No
Any other I/O
No
transaction
Any other I/O
transaction
Any other I/O
transaction
Yes
No
Yes
Yes
Initial value of the key = 0x6A,
Whenever the Chip is in the Wait for Key state,
Last value in the key = 0x00.
the LFSR is initialized with 0x6A.
other
I/O
transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com