Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 74 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 74 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 70Page - National Semiconductor (TI) PC87338 Datasheet HTML 71Page - National Semiconductor (TI) PC87338 Datasheet HTML 72Page - National Semiconductor (TI) PC87338 Datasheet HTML 73Page - National Semiconductor (TI) PC87338 Datasheet HTML 74Page - National Semiconductor (TI) PC87338 Datasheet HTML 75Page - National Semiconductor (TI) PC87338 Datasheet HTML 76Page - National Semiconductor (TI) PC87338 Datasheet HTML 77Page - National Semiconductor (TI) PC87338 Datasheet HTML 78Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 221 page
background image
74
www.national.com
3.3
THE REGISTERS OF THE FDC
Legacy Mode
In Legacy mode, the FDC registers are mapped to the
offset address shown in Table 35, with the base ad-
dress range provided by the on-chip address decod-
er. For PC-AT or PS/2 applications, the primary
address range of the diskette controller is 3F0 to
3F7h, and the secondary address range is 370 to
377h.
TABLE 35. The FDC Registers and Their
Addresses
The FDC supports two system operation modes:
PC-AT mode and PS/2 mode (micro-channel sys-
tems). Section 3.1.2 on page 70 describes each mode
and “Bit 7 - System Operation Mode” on page 53 de-
scribes how each is enabled.
Unless specifically indicated otherwise, all fields in all
registers are valid in both modes.
Plug and Play Mode
In Plug and Play mode, the FDC has plug and play
support, as follows:
• The FDC interrupt can be routed on one of the fol-
lowing ISA interrupts: IRQ3-IRQ7, IRQ9-IRQ12
and IRQ15 (see PNP2 register).
• The FDC DMA signals can be routed to one of
three 8-bit ISA DMA channels (see PNP2 regis-
ter); and its base address is software configurable
(see FBAL and FBAH registers).
• Upon reset, the DMA of the FDC is routed to the
DRQ2 and DACK2 pins.
3.3.1
FDC Register Bitmaps
Symbol
Description
Offset
R/W
A2 A1 A0
SRA
Status Register A
0
0
0
R
SRB
Status Register B
0
0
1
R
DOR
Digital Output Register
0
1
0
R/W
TDR
Tape Drive Register
0
1
1
R/W
MSR
Main Status Register
1
0
0
R
DSR
Data Rate Select
Register
100
W
FIFO
Data Register (FIFO)
1
0
1
R/W
-
(Bus in TRI-STATE)
1
1
0
X
DIR
Digital Input Register
1
1
1
R
CCR
CCR Configuration
Control Register
111
W
76
543
21
0
Reset
Required
0
0
0
0
Status Register
A (SRA)
Offset 000
INDEX
TRK0
Step
DRV2
Head Direction
WP
Head Select
IRQ6 Pending
76
54
321
0
Reset
Required
1
1
1
0
0
0
1
1
1
1
Status Register
B (SRB)
Offset 001
WGATE
WDATA
DR0
Reserved
Reserved
MTR0
MTR1
RDATA
76
543
21
0
Reset
Required
0
0
0
0
0
0
0
0
Digital Output
Register (DOR)
Offset 010
Reset Controller
Motor Enable 0
Motor Enable 1
Motor Enable 2
Motor Enable 3
Drive Select
DMAEN
76
54
321
0
Reset
Required
0
0
1
Tape Drive
Register (TDR)
Offset 011
Reserved
Valid Data
High Density
Extra Density
Tape Drive Select1,0
Logical Drive Control 1,0
Automatic Media Sense
and Enhanced TDR Drive
Enhanced TDR Drive Mode Only
Modes Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com