Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 79Page - National Semiconductor (TI) PC87338 Datasheet HTML 80Page - National Semiconductor (TI) PC87338 Datasheet HTML 81Page - National Semiconductor (TI) PC87338 Datasheet HTML 82Page - National Semiconductor (TI) PC87338 Datasheet HTML 83Page - National Semiconductor (TI) PC87338 Datasheet HTML 84Page - National Semiconductor (TI) PC87338 Datasheet HTML 85Page - National Semiconductor (TI) PC87338 Datasheet HTML 86Page - National Semiconductor (TI) PC87338 Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 221 page
background image
83
www.national.com
0 - Normal power.
1 - Trigger power down.
Bit 7 - Software Reset
This bit controls the same kind of software reset of
the FDC as bit 2 of the Digital Output Register
(DOR). The difference is that this bit is automati-
cally cleared to 0 (no reset) 100 nsec after it was
set to 1.
See also “Bit 2 - Reset Controller” on page 78.
0 - No reset. (Default)
1 - Reset.
3.3.8
Data Register (FIFO), Offset 101
The Data Register of the FDC is a read/write register
that is used to transfer all commands, data and status
information between the microprocessor and the
FDC.
During the command phase, the microprocessor
writes command bytes into the Data Register after
polling the RQM (bit 7) and DIO (bit 6) bits in the MSR.
During the result phase, the microprocessor reads re-
sult bytes from the Data Register after polling the
RQM and DIO bits in the MSR.
Use of the FIFO buffer lengthens the interrupt latency
period and, thereby, reduces the chance of a disk
overrun or underrun error occurring. Typically, the
FIFO buffer is used at a 1 Mbps data transfer rate or
with multi-tasking operating systems.
Enabling and Disabling the FIFO Buffer
The 16-byte FIFO buffer can be used for DMA, inter-
rupt, or software polling type transfers during the exe-
cution of a read, write, format or scan command.
The FIFO buffer is enabled and its threshold is set by
the CONFIGURE command.
When the FIFO buffer is enabled, only execution
phase byte transfers use it. If the FIFO buffer is en-
abled, it is not disabled after a software reset if the
LOCK bit is set in the LOCK command.
The FIFO buffer is always disabled during the com-
mand and result phases of a controller operation. A
hardware reset disables the FIFO buffer and sets its
threshold to zero. The MODE command can also dis-
able the FIFO for read or write operations separately.
After a hardware reset, the FIFO buffer is disabled to
maintain compatibility with PC-AT systems.
Burst Mode Enabled and Disabled
The FIFO buffer can be used with burst mode enabled
or disabled by the MODE command.
In burst mode, DRQ or IRQ6 remains active until all of
the bytes have been transferred to or from the FIFO
buffer.
When burst mode is disabled, DRQ or IRQ6 is deac-
tivated for 350 nsec to allow higher priority transfer re-
quests to be processed.
FIFO Buffer Response Time
During the execution phase of a command involving
data transfer to or from the FIFO buffer, the maximum
time the system has to respond to a data transfer ser-
vice request is calculated by the following formula:
Max_Time = (THRESH + 1) x 8 x tDRP – (16 x tICP)
This formula applies for all data transfer rates, wheth-
er the FIFO buffer is enabled or disabled. THRESH is
a 4-bit value programmed by the CONFIGURE com-
mand, which sets the threshold of the FIFO buffer. If
the FIFO buffer is disabled, THRESH is zero in the
above formula. The last term in the formula, (16 x tICP)
is an inherent delay due to the microcode overhead
required by the FDC. This delay is also data rate de-
pendent. Section 8.4.1 on page 203 specifies mini-
mum and maximum values for tDRP and tICP.
The programmable FIFO threshold (THRESH) is use-
ful in adjusting the FDC to the speed of the system. A
slow system with a sluggish DMA transfer capability
requires a high value for THRESH. this gives the sys-
tem more time to respond to a data transfer service
request (DRQ for DMA mode or IRQ6 for interrupt
mode). Conversely, a fast system with quick response
to a data transfer service request can use a low value
for THRESH.
FIGURE 51. FDC Data Register Bitmap
3.3.9
Digital Input Register (DIR),
Offset 111
This read-only diagnostic register is used to detect the
state of the DSKCHG disk interface input signal and
some diagnostic signals. DIR is unaffected by a soft-
ware reset.
The bits of the DIR register function differently de-
pending on whether the FDC is operating in PC-AT
mode or in PS/2 mode.
76
54
321
0
Reset
Required
Data Register
(FIFO)
Offset 101
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com