Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  PC87338 Datasheet HTML 1Page - National Semiconductor (TI) PC87338 Datasheet HTML 2Page - National Semiconductor (TI) PC87338 Datasheet HTML 3Page - National Semiconductor (TI) PC87338 Datasheet HTML 4Page - National Semiconductor (TI) PC87338 Datasheet HTML 5Page - National Semiconductor (TI) PC87338 Datasheet HTML 6Page - National Semiconductor (TI) PC87338 Datasheet HTML 7Page - National Semiconductor (TI) PC87338 Datasheet HTML 8Page - National Semiconductor (TI) PC87338 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 221 page
background image
5
www.national.com
Table of Contents
1.0 Pin Descriptions
1.1 CONNECTION DIAGRAMS ............................................................................................................. 18
1.2 SIGNAL/PIN DESCRIPTIONS .......................................................................................................... 22
2.0 Configuration
2.1 OVERVIEW ...................................................................................................................................... 36
2.2 CONFIGURATION REGISTER SETUP ........................................................................................... 36
2.2.1 Hardware Device Configuration .............................................................................................. 36
2.2.2 Software Device Configuration ................................................................................................ 38
2.2.3 Updating Configuration Registers ........................................................................................... 38
2.2.4 Reserved Bits in Configuration Registers ................................................................................ 38
2.2.5 INDEX and DATA Register Locations ..................................................................................... 38
2.2.6 Plug and Play Protocol ............................................................................................................ 39
2.3 THE CONFIGURATION REGISTERS .............................................................................................. 40
2.3.1 Configuration Register Bitmaps ............................................................................................... 41
2.3.2 Function Enable Register (FER), Index 00h ............................................................................ 45
2.3.3 Function Address Register (FAR), Index 01h .......................................................................... 47
2.3.4 Power and Test Register (PTR), Index 02h ............................................................................ 47
2.3.5 Function Control Register (FCR), Index 03h ........................................................................... 48
2.3.6 Printer Control Register (PCR), Index 04h .............................................................................. 49
2.3.7 Power Management Control Register (PMC), Index 06h ........................................................ 50
2.3.8 Tape, SCCs and Parallel Port Configuration Register (TUP), Index 07h ................................ 51
2.3.9 SuperI/O Chip Identification Register (SID), Index 08h ........................................................... 52
2.3.10 Advanced SuperI/O Chip Configuration Register (ASC), Index 09h ..................................... 52
2.3.11 Chip Select 0 Low Address Register (CS0LA), Index 0Ah .................................................... 53
2.3.12 Chip Select 0 Configuration Register (CS0CF), Index 0Bh ................................................... 53
2.3.13 Chip Select 1 Low Address Register (CS1LA), Index 0Ch .................................................... 54
2.3.14 Chip Select 1 Configuration Register (CS1CF), Index 0Dh ................................................... 54
2.3.15 Chip Select 0 High Address Register (CS0HA), Index 10h ................................................... 55
2.3.16 Chip Select 1 High Address Register (CS1HA), Index 11h ................................................... 55
2.3.17 SuperI/O Chip Configuration Register 0 (SCF0), Index 12h ................................................. 55
2.3.18 SuperI/O Chip Configuration Register 1 (SCF1), Index 18h ................................................. 56
2.3.19 Plug and Play Configuration 0 Register (PNP0), Index 1Bh ................................................. 57
2.3.20 Plug and Play Configuration 1 Register (PNP1), Index 1Ch ................................................. 58
2.3.21 SuperI/O Chip Configuration Register 2 (SCF2), Index 40h ................................................. 58
2.3.22 Plug and Play Configuration 2 Register (PNP2), Index 41h .................................................. 59
2.3.23 Parallel Port Base Address Low Byte Register (PBAL), Index 42h ....................................... 60
2.3.24 Parallel Port Base Address High Byte Register (PBAH), Index 43h ..................................... 60
2.3.25 SCC1 Base Address Low Byte Register (S1BAL), Index 44h ............................................... 61
2.3.26 SCC1 Base Address High Byte Register (S1BAH), Index 45h ............................................. 61
2.3.27 SCC2 Base Address Low Byte Register (S2BAL), Index 46h ............................................... 61
2.3.28 SCC2 Base Address High Byte Register (S2BAH), Index 47h ............................................. 62
2.3.29 FDC Base Address Low Byte Register (FBAL), Index 48h ................................................... 62
2.3.30 FDC Base Address High Byte Register (FBAH,) Index 49h .................................................. 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com