Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 63Page - National Semiconductor (TI) PC87338 Datasheet HTML 64Page - National Semiconductor (TI) PC87338 Datasheet HTML 65Page - National Semiconductor (TI) PC87338 Datasheet HTML 66Page - National Semiconductor (TI) PC87338 Datasheet HTML 67Page - National Semiconductor (TI) PC87338 Datasheet HTML 68Page - National Semiconductor (TI) PC87338 Datasheet HTML 69Page - National Semiconductor (TI) PC87338 Datasheet HTML 70Page - National Semiconductor (TI) PC87338 Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 221 page
background image
67
www.national.com
Bits 2-0 - SCC2 Receiver Channel Selection
Upon reset these bits are initialized to 000. It is the
software’s responsibility to route all DMA sources
onto the ISA DMA channels correctly. Table 33
shows the encoding options for these bits.
TABLE 33. SCC2 Receiver Channel Selection
Bits 5-3 - SCC2 Transmission Channel Selection
Upon reset these bits are initialized to 000. It is the
software’s responsibility to route all DMA sources
onto the ISA DMA channels correctly. Table 34
shows the encoding options for these bits.
TABLE 34. SCC2 Transmission Channel Selec-
tion
2.3.37 SuperI/O Configuration 3 Register
(SCF3), Index 50h
This register controls the following. Upon reset, all im-
plemented bits are initialized to 0.
FIGURE 39. SCF3 Register Bitmap
Bit 2 Bit 1 Bit 0
SCC2 Receiver Channel
Selection Settings
0
0
0
Disabled. SCC2 DMA is not
connected to any ISA DMA
channel, i.e., it is not connected
to any of the chip’s DMA pins.
0
0
1
SCC2 receiver DMA request and
acknowledge signals are
connected to DRQ0 and DACK0
pins.
0
1
0
SCC2 receiver DMA request and
acknowledge signals are
connected to DRQ1 and DACK1
pins.
0
1
1
SCC2 receiver DMA request and
acknowledge signals are
connected to DRQ2 and DACK2
pins.
1
0
0
SCC2 receiver DMA request and
acknowledge signals are
connected to DRQ3 and DACK3
pins.
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
Bit 5 Bit 4 Bit 3
SCC2 Transmission Channel
Selection Setting
0
0
0
Disabled. SCC2 DMA is not
connected to any ISA DMA
channel, i.e., it is not connected to
any of the chip’s DMA pins.
0
0
1
SCC2 transmitter DMA request
and acknowledge signals are
connected to DRQ0 and DACK0
pins.
0
1
0
SCC2 transmitter DMA request
and acknowledge signals are
connected to DRQ1 and DACK1
pins.
0
1
1
SCC2 transmitter DMA request
and acknowledge signals are
connected to DRQ2 and DACK2
pins.
1
0
0
SCC2 transmitter DMA request
and acknowledge signals are
connected to DRQ3 and DACK3
pins.
101
Reserved
110
Reserved
111
Reserved
76
543
21
0
Register 3 (SCF3)
Reset
Required
Index 50h
0
0
0
0
0
0
SuperI/O Configuration
Select DRATE, MSEN1,
Select DRV2, PNF, DR23,
Select IRQI2, IRRX2 or IRSL0/ID0
Select MTR1, IDLE or IRSL2/ID2
CS0, SIRQI2 or DACK3
SIRQI3 or IRSL2
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com