Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 84 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 84 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 80Page - National Semiconductor (TI) PC87338 Datasheet HTML 81Page - National Semiconductor (TI) PC87338 Datasheet HTML 82Page - National Semiconductor (TI) PC87338 Datasheet HTML 83Page - National Semiconductor (TI) PC87338 Datasheet HTML 84Page - National Semiconductor (TI) PC87338 Datasheet HTML 85Page - National Semiconductor (TI) PC87338 Datasheet HTML 86Page - National Semiconductor (TI) PC87338 Datasheet HTML 87Page - National Semiconductor (TI) PC87338 Datasheet HTML 88Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 221 page
background image
84
www.national.com
Section 3.1.2 on page 70 describes each mode and
“Bit 7 - System Operation Mode” on page 53 de-
scribes how each is enabled.
In PC-AT mode, bits 6 through 0 are in TRI-STATE to
prevent conflict with the status register of the hard
disk at the same address as the DIR.
FIGURE 52. DIR Register Bitmap
Bit 0 - High Density (PS/2 Mode Only)
In PC-AT mode, this bit is reserved, in TRI-STATE
and used by the status register of the hard disk.
In PS/2 mode, this bit indicates whether the data
transfer rate is high or low.
0 - The data transfer rate is high, i.e., 1 Mbps, 2
Mbps or 500 Kbps.
1 - The data transfer rate is low, i.e., 300 Kbps or
250 Kbps.
Bits 2,1 - Data Rata Select 1,0 (DRATE1,0)
(PS/2 Mode Only)
In PC-AT mode, these bits are reserved, in TRI-
STATE and used by the status register of the hard
disk.
In PS/2 mode, these bits indicate the status of the
DRATE1,0 bits programmed in DSR or CCR,
whichever is written last.
The significance of each value for these bits de-
pends on the supported speeds. See “Tape, SCCs
and Parallel Port Configuration Register (TUP),
Index 07h” on page 51. See also Table 40.
00 - Data transfer rate is 500 Kbps or invalid.
01 - Data transfer rate is 300 Kbps or invalid.
10 - Data transfer rate is 250 Kbps or invalid.
11 - Data transfer rate is 1 or 2 Mbps.
Bits 6-3 - Reserved
These bits are reserved and are always 1. In PC-
AT mode these bits are reserved and in TRI-
STATE. They are used by the status register of the
fixed hard disk.
Bit 7 - Disk Changed (DSKCHG)
This bit reflects the status of the DSKCHG disk in-
terface input signal.
During power down this bit is invalid, if it is read by
the software.
0 - DSKCHG is not active.
1 - DSKCHG is active.
3.3.10 Configuration Control Register
(CCR), Offset 111
This write-only register can be used to set the data
transfer rate.
The data transfer rate is programmed via the CCR,
not the DSR, for PC-AT, PS/2 and Micro Channel ap-
plications. Other applications can set the data transfer
rate in the DSR. See Section 3.3.7.
This register is not affected by a software reset.
The data rate of the floppy controller is determined by
the last write to either the CCR register or to the DSR
register.
FIGURE 53. CCR Register Bitmap
Bits 1,0 - Data Transfer Rate Select 1,0
(DRATE 1,0)
These bits determine the data transfer rate for the
Floppy Disk Controller (FDC), depending on the
supported speeds. See “Tape, SCCs and Parallel
Port Configuration Register (TUP), Index 07h” on
page 51. Table 40 shows the data transfer rate se-
lected by each value of this field.
These bits are unaffected by a software reset, and
are set to 10 (250 Kbps) after a hardware reset.
Bits 7-2 - Reserved
These bits are reserved and should be set to 0.
76
543
21
0
Reset
Required
1
1
1
1
1
Digital Input
Register (DIR)
Offset 111
DRATE1 Status
DSKCHG
DRATE0 Status
Reserved
High Density
PS/2 Mode
Only
76
54
321
0
Reset
Required
0
1
0
0
0
0
0
0
Configuration Control
Register (CCR)
Offset 111
Reserved
DRATE1
DRATE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com