Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 64Page - National Semiconductor (TI) PC87338 Datasheet HTML 65Page - National Semiconductor (TI) PC87338 Datasheet HTML 66Page - National Semiconductor (TI) PC87338 Datasheet HTML 67Page - National Semiconductor (TI) PC87338 Datasheet HTML 68Page - National Semiconductor (TI) PC87338 Datasheet HTML 69Page - National Semiconductor (TI) PC87338 Datasheet HTML 70Page - National Semiconductor (TI) PC87338 Datasheet HTML 71Page - National Semiconductor (TI) PC87338 Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 221 page
background image
68
www.national.com
Bit 0 - Select DRATE1, MSEN1, CS0, SIRQI2 or
DACK3
When the pin is assigned for DACK3, MSEN1 is
masked to 1.
0 - DRATE1, MSEN1, CS0 or SIRQI2 may use
the pin, according to bits 7 and 6 of the SIRQ2
register. (Default)
1 - DACK3 may use the pin.
Bit 1 - Select DRV2, PNF, DR23, SIRQI3 or
IRSL2/
ID2
DRV2 and PNF are masked to 1, when the pin is
assigned for IRSL2.
0 - DRV2, PNF, DR23 or SIRQI3 may use the pin,
according to bits 7 and 6 of SIRQ3 register.
1 - IRSL2
/ID2 may use the pin (ID2 is only in
PC97338).
Bit 2 - Select MTR1, IDLE or IRSL2/
ID2
0 - MTR1 or IDLE may use the pin, according to
bit 4 of PMC register.
1 - IRSL2
/ID2 uses the pin (ID2 is only in
PC97338).
Bit 3 - Select IRQ12, IRRX2, IRSL0/
ID0
This bit is ignored in 11-bit address mode.
0 - IRQ12 may use the pin.
1 - IRRX2 or IRSL0
/ID0 may use the pin, accord-
ing to SCC2 extended registers (
ID0 is only in
PC97338).
Bit 7-4 - Reserved
These bits are reserved.
2.3.38 Clock Control Register
(CLK), Index 51h
Upon power on (when VDD is applied), all bits of this
register are initialized to 0.
This register is not reset by the MR pin.
FIGURE 40. CLK Register Bitmap
Bits 1,0 - SuperI/O Chip Clock Source
These bits define the clock source for the SuperI/O
chip that is fed via the X1 pin.
Upon power on, these bits are read or write. Once
they are written, they become read-only bits.
00 - The clock source is the on-chip clock multi-
plier fed by 14.318 MHz.
01 - The clock source is the on-chip clock multi-
plier fed by 24 MHz.
10 - The clock source is 48 MHz.
11 - Reserved.
Bit 2 - Clock Multiplier Enable
Bits 2 and 3 of the PCR register may affect this bit.
0 - On chip clock multiplier is disabled.
1 - On chip clock multiplier is enabled.
Bit 3 - Valid Multiplier Clock Status
Read only.
0 - On-chip clock (clock multiplier output) is fro-
zen.
1 - On-chip clock (clock multiplier output) is sta-
ble and toggling.
Bits 7-4 - Reserved
These bits are reserved.
2.3.39 Manufacturing Test Register
(MTEST), Index 52h
This register controls manufacturing tests. It exist only
in the PC97338 version.
76
543
21
0
Register (CLK)
Reset
Required
Index 51h
0
0
0
0
0
0
Clock Control
Reserved
Reserved
Reserved
Clock Multiplier Enable
Valid Clock Multiplier Status
Reserved
SuperI/O Chip
Clock Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com