Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 106 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 106 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 102Page - National Semiconductor (TI) PC87338 Datasheet HTML 103Page - National Semiconductor (TI) PC87338 Datasheet HTML 104Page - National Semiconductor (TI) PC87338 Datasheet HTML 105Page - National Semiconductor (TI) PC87338 Datasheet HTML 106Page - National Semiconductor (TI) PC87338 Datasheet HTML 107Page - National Semiconductor (TI) PC87338 Datasheet HTML 108Page - National Semiconductor (TI) PC87338 Datasheet HTML 109Page - National Semiconductor (TI) PC87338 Datasheet HTML 110Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 221 page
background image
106
www.national.com
Bit 6 - Modified Frequency Modulation (MFM)
This bit indicates the type of the disk drive and the
data transfer rate, and determines the format of
the address marks and the encoding scheme.
0 - FM mode, i.e., single density.
1 - MFM mode, i.e., double density.
Bit 7 - Multi-Track (MT)
This bit controls whether or not the controller con-
tinues to side 1 of the disk after reaching the last
sector of side 0.
0 - Single track. The controller stops at the last
sector of side 0.
1 - Multiple tracks. the controller continues to side
1 after reaching the last sector of side 0.
Second Command Phase Byte
Bits 1,0 - Logical Drive Select (DS1,0)
These bits indicate which logical drive is active.
See “Bits 1,0 - Logical Drive Select (DS1,0)” on
page 96.
00 - Drive 0 is selected. (Default)
01 - Drive 1 is selected.
10 - If four drives are supported, or drives 2 and 0
are exchanged, drive 2 is selected.
11 - If four drives are supported, drive 3 is select-
ed.
Bit 2 - Head (HD)
This bit indicates which side of the Floppy Disk
Drive (FDD) is selected by the head. Its value is
the inverse of the HDSEL disk interface output sig-
nal.See “Bit 2 - Head Select (HD)” on page 96.
0 - HDSEL is not active, i.e., the head of the FDD
selects side 0. (Default)
1 - HDSEL is active, i.e., the head of the FDD se-
lects side 1.
Bit 7 - Implied Seek (IPS)
This bit indicates whether or not an implied seek
should be performed. See also, “Bit 5 - Implied
Seek (IPS)” on page 101.
0 - No implied seek operations. (Default)
1 - The controller performs seek and sense inter-
rupt operations before executing the com-
mand.
Third Command Phase Byte - Track Number
The value in this byte specifies the number of the
track to read.
Fourth Command Phase Byte - Head Number
The value in this byte specifies head to use.
Fifth Command Phase Byte - Sector Number
The value in this byte specifies the sector to read.
Sixth Command Phase Byte -
Bytes-Per-Sector Code
This byte contains a code in hexadecimal format
that indicates the number of bytes in a data field.
Table 44 on page 97 indicates the number of bytes
that corresponds to each code.
Seventh Command Phase Byte -
Bytes Between Sectors - Gap 3
The value in this byte specifies how many bytes
there are between sectors. See “Fifth Command
Phase Byte - Bytes in Gap 3” on page 97.
Eighth Command Phase Byte -
Data Length (Obsolete)
The value in this byte is ignored and must be set
to FF (hex).
Execution Phase
In this phase, data read from the disk drive is trans-
ferred to the system via DMA or non-DMA modes.
See 3.4.2 on page 85.
The controller looks for the track number specified in
the third command phase byte. If implied seeks are
enabled, the controller also performs all operations of
a SENSE INTERRUPT command and of a SEEK
command (without issuing these commands). Then,
the controller waits the head settle time. See bits 3-0
of the fourth command phase byte of the MODE com-
mand on page 102.
The controller then starts the data separator and waits
for the data separator to find the address field of the
next sector. The controller compares the ID informa-
tion (track number, head number, sector number,
bytes-per-sector code) in that address field with the
corresponding information in the command phase
bytes of the READ DATA command.
If the contents of the bytes do not match, then the
controller waits for the data separator to find the ad-
dress field of the next sector. The process is repeated
until a match or an error occurs.
Possible errors, the conditions that may have caused
them and the actions that result are:
• The microprocessor aborted the command by writ-
ing to the FIFO.
If there is no disk in the drive, the controller gets
stuck. The microprocessor must then write a byte
to the FIFO to advance the controller to the result
phase.
• Two pulses of the INDEX signal were detected
since the search began, and no valid ID was
found.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com