Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 110 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 110 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 106Page - National Semiconductor (TI) PC87338 Datasheet HTML 107Page - National Semiconductor (TI) PC87338 Datasheet HTML 108Page - National Semiconductor (TI) PC87338 Datasheet HTML 109Page - National Semiconductor (TI) PC87338 Datasheet HTML 110Page - National Semiconductor (TI) PC87338 Datasheet HTML 111Page - National Semiconductor (TI) PC87338 Datasheet HTML 112Page - National Semiconductor (TI) PC87338 Datasheet HTML 113Page - National Semiconductor (TI) PC87338 Datasheet HTML 114Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 221 page
background image
110
www.national.com
Command Phase
The command phase bytes of the READ A TRACK
command are like those of the READ DATA com-
mand, except for the MT and SK bits. Multi-track and
skip operations are not allowed in the READ A
TRACK command. Therefore, bits 7 and 5 of the op-
code command phase byte (MT and SK, respectively)
must be 0.
First Command Phase Byte, Opcode
See “Bit 6 - Modified Frequency Modulation
(MFM)” on page 96.
Second Command Phase Byte
See “Second Command Phase Byte” on page 96
for a description of the Drive Select (DS1,0) and
Head Select (HD) bits.
See “Bit 5 - Implied Seek (IPS)” on page 101 for a
description of the Implied Seek (IPS) bit.
Third through Ninth Command Phase Bytes
See “The READ DATA Command” on page 105.
Execution Phase
Data read from the disk drive is transferred to the sys-
tem in DMA or non-DMA modes. See Section 3.4.2.
Execution of this command is like execution of the
READ DATA command except for the following differ-
ences:
• The controller waits for a pulse from the INDEX
signal before it searches for the address field of a
sector.
If the microprocessor writes to the FIFO before the
INDEX pulse is detected, the command enters the
result phase with the Interrupt Code (IC) bits (bits
7,6) in ST0 set to abnormal termination (01).
• All the ID bytes of the sector address are com-
pared, except the sector number. Instead, the sec-
tor number is set to 1, and then incremented for
each successive sector read.
• If no match occurs when the ID bytes of the sector
address are compared, the controller sets the
Missing Data bit (bit 2) in ST1, but continues to
read the sector. If there is a CRC error in the ad-
dress field being read, the controller sets CRC Er-
ror (bit 5) in ST1, but continues to read the sector.
• If there is a CRC error in the data field, the control-
ler sets the CRC Error bit (bit 5) in ST1 and CRC
Error in Data Field bit (bit 5) in ST2, but continues
reading sectors.
• The controller reads a maximum of End of Track
(EOT) physical sectors. There is no support for
multi-track reads.
Result Phase
3.6.14 The RECALIBRATE Command
The RECALIBRATE command issues pulses that
make the head of the selected drive step out until it
reaches track 0.
Command Phase
Second Command Phase Byte
See “Second Command Phase Byte” on page 96
for a description of the Drive Select (DS1,0) and
Head Select (HD) bits.
Execution Phase
After the last command byte is issued, the Drive Busy
bit for the selected drive is set in the Main Status Reg-
ister (MSR). See bits 3-0 in “Main Status Register
(MSR), Offset 100” on page 80.
7654
3210
0
MFM
00
0010
IPS
X
X
X
X
HD
DS1
DS0
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
End of Track (EOT) Sector Number
Bytes Between Sectors - Gap 3
Data Length (Obsolete)
7654
3210
Result Phase Status Register 0 (ST0)
Result Phase Status Register 1 (ST1)
Result Phase Status Register 2 (ST2)
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
7654
3210
0000
0111
XXX
XX
HD
DS1
DS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com