Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 114 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 114 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 110Page - National Semiconductor (TI) PC87338 Datasheet HTML 111Page - National Semiconductor (TI) PC87338 Datasheet HTML 112Page - National Semiconductor (TI) PC87338 Datasheet HTML 113Page - National Semiconductor (TI) PC87338 Datasheet HTML 114Page - National Semiconductor (TI) PC87338 Datasheet HTML 115Page - National Semiconductor (TI) PC87338 Datasheet HTML 116Page - National Semiconductor (TI) PC87338 Datasheet HTML 117Page - National Semiconductor (TI) PC87338 Datasheet HTML 118Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 221 page
background image
114
www.national.com
Fourth Command Phase Byte,
Bits 7-4 - MSN of Track Number
If the track number is stored as a 12-bit value,
these bits contain the Most Significant Nibble
(MSN), i.e., the four most significant bits, of the
number of the track to seek. Otherwise (the ETR
bit in the MODE command is 0), this command
phase byte is not required.
Execution Phase
During the execution phase of the SEEK command,
the track number to seek to is compared with the
present track number. The controller determines how
many STEP pulses to issue and the DIR disk interface
output signal indicates which direction the head
should move.
The SEEK command issues step pulses while the con-
troller is in the drive polling phase. The step pulse rate is
determined by the value programmed in the second
command phase byte of the SPECIFY command.
An interrupt is generated one step pulse period after
the last step pulse is issued. A SENSE INTERRUPT
command should be issued to determine the cause of
the interrupt.
Result Phase
None.
3.6.18 The SENSE DRIVE STATUS
Command
The SENSE DRIVE STATUS command indicates which
drive and which head are selected, whether or not the
head is at track 0 and whether or not the track is write
protected in result phase Status register 3 (ST3). See
“Result Phase Status Register 3 (ST3)” on page 91. This
command does not generate an interrupt.
Command Phase
See READ DATA command for a description of these bits.
Execution Phase
Disk drive status information is detected and reported.
Result Phase
See “Result Phase Status Register 3 (ST3)” on page 91.
3.6.19 The SENSE INTERRUPT
Command
The SENSE INTERRUPT command returns the
cause of an interrupt that is caused by the change in
status of any disk drive.
If a SENSE INTERRUPT command is issued when no
interrupt is pending it is treated as an invalid com-
mand.
When to Issue SENSE INTERRUPT
The SENSE INTERRUPT command is issued to de-
tect either of the following causes of an interrupt:
• The FDC became ready during the drive polling
phase for an internally selected drive. See “Drive
Polling Phase” on page 88. This can occur only af-
ter a hardware or software reset.
• A SEEK, RELATIVE SEEK or RECALIBRATE
command terminated.
Interrupts caused by these conditions are cleared af-
ter the first result byte has been read. Use the Inter-
rupt Code (IC) (bits 7,6) and SEEK End bits (bit 5) of
result phase Status register 0 (ST0) to identify the
cause of these interrupts. See page 89 and Table 56.
TABLE 56. Interrupt Causes Reported by SENSE
INTERRUPT
When SENSE INTERRUPT is not
Necessary
Interrupts that occur during most command opera-
tions do not need to be identified by the SENSE IN-
TERRUPT. The microprocessor can identify them by
checking the Request for Master (RQM) bit (bit 7) of
the Main Status Register (MSR). See page “Bit 7 - Re-
quest for Master (RQM)” on page 81.
It is not necessary to issue a SENSE INTERRUPT
command to detect the following causes of Interrupts:
7654
3210
0000
0100
XXX
XX
HD
DS1
DS0
7654
3210
Result Phase Status Register 3 (ST3)
Bits of
ST0
Interrupt Cause
765
1
1
0 FDC became ready during drive polling
mode.
SEEK, RELATIVE SEEK or
RECALIBRATE not completed.
0
0
1 SEEK, RELATIVE SEEK or
RECALIBRATE terminated normally.
0
1
1 SEEK, RELATIVE SEEK or
RELCALIBRATE terminated abnormally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com