Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 172 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 172 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 168Page - National Semiconductor (TI) PC87338 Datasheet HTML 169Page - National Semiconductor (TI) PC87338 Datasheet HTML 170Page - National Semiconductor (TI) PC87338 Datasheet HTML 171Page - National Semiconductor (TI) PC87338 Datasheet HTML 172Page - National Semiconductor (TI) PC87338 Datasheet HTML 173Page - National Semiconductor (TI) PC87338 Datasheet HTML 174Page - National Semiconductor (TI) PC87338 Datasheet HTML 175Page - National Semiconductor (TI) PC87338 Datasheet HTML 176Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 221 page
background image
172
www.national.com
5.19.5 ST_FIFO – Status FIFO
The ST_FIFO is used in MIR and FIR Modes.
It is an 8-level FIFO and is intended to support back-
to-back incoming frames in DMA mode, when an
8237-type DMA controller is used. Each ST_FIFO en-
try contains either status information and frame length
for a single frame, or the number of lost frames.
The bottom entry spans three address locations, and
is accessed via the FRMST, RFRL(L)/LSTFRC and
RFRL(H) registers. The ST_FIFO is flushed when
a hardware reset occurs or when the receiver is soft
reset.
Note: The status and length information of received
frames is loaded into the ST_FIFO whenever the
DMA_EN bit in the extended-mode MCR register is
set to 1 and an 8237 type DMA controller is used, re-
gardless of whether the CPU or the DMA controller is
transferring the data from the RX_FIFO to memory.
This implies that, during testing, if full duplex is en-
abled and a DMA channel is servicing the transmitter
while the CPU is servicing the receiver, the CPU must
still read the ST_FIFO. Otherwise, it fills up and in-
coming frames will be rejected.
FRMST – Frame Status Byte at ST_FIFO
Bottom, Read-Only
This register returns the status byte at the bottom of
the ST_FIFO. If the LOSTFR bit is 0, bits 0 to 4 indi-
cate if any error condition occurred during reception of
the corresponding frame. Error conditions will also af-
fect the error flags in the LSR register.
FIGURE 88. Frame Status Byte Register
RFRL(L)/LSTFRC – Received Frame Length
/Lost-Frame-Count at ST_FIFO Bottom,
Read-Only
This register should be read only when the VLD bit in
FRMST is 1. The information returned depends on the
setting of the LOST_FR bit. Upon reset, all bits are set
to 0.
1
→ TFRCC terminal count effective in DMA
mode.
B6 SFTSL – ST_FIFO Threshold Select.
An interrupt request is generated when the
ST_FIFO level reaches the threshold or when an
ST_FIFO time-out occurs.
Bit Value
Threshold Level
02
14
B7 Reserved.
Read/write 0.
B0 OVR2 – Overrun Error 2.
This bit is set to 1 when incoming characters or
entire frames have been discarded due to the
ST_FIFO being full.
B1 OVR1 – Overrun Error 1.
This bit is set to 1 when incoming characters or
entire frames have been discarded due to the
RX_FIFO being full.
B2 BAD_CRC – CRC Error.
Set to 1 when a mismatch between the received
CRC and the receiver-generated CRC is detect-
ed.
B3 PHY_ERR – Physical Layer Error.
Set to 1 when an encoding error or the sequence
BOF-data-BOF is detected in FIR mode, or an
abort condition is detected in MIR mode.
B4 MAX_LEN – Maximum Frame Length Exceed-
ed.
Set to 1 when a frame exceeding the maximum
length has been received.
B5 Reserved.
Returned data is indeterminate.
B6 LOST_FR – Lost Frame Indicator Flag.
Indicates the type of information provided by this
ST_FIFO entry.
0
→ Entry provides status information and length
for a received frame.
1
→ Entry provides overrun indications and num-
ber of lost frames.
B7 VLD – ST_FIFO Entry Valid.
When set to 1, the bottom ST_FIFO entry con-
tains valid data.
765
43
210
Reset
Required
BAD_CRC
MAX_LEN
Reserved
LOST_FR
VLD
OVR2
OVR1
PHY_ERR
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com