Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 106 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 106 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 102Page - National Semiconductor (TI) PC87570 Datasheet HTML 103Page - National Semiconductor (TI) PC87570 Datasheet HTML 104Page - National Semiconductor (TI) PC87570 Datasheet HTML 105Page - National Semiconductor (TI) PC87570 Datasheet HTML 106Page - National Semiconductor (TI) PC87570 Datasheet HTML 107Page - National Semiconductor (TI) PC87570 Datasheet HTML 108Page - National Semiconductor (TI) PC87570 Datasheet HTML 109Page - National Semiconductor (TI) PC87570 Datasheet HTML 110Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 168 page
background image
Multi-Function 16-Bit Timer (MFT16)
106
www.national.com
14.0 Multi-Function 16-Bit Timer (MFT16)
The MFT16 contains two independent 16-bit timer/counters.
It can operate from several clock sources in Pulse Width
Modulation (PWM), Capture or Counter mode in order to
satisfy a wide range of application requirements.
14.1 FEATURES
• Two 16-bit programmable timers/counters
• Two 16-bit reload/capture registers which function ei-
ther as reload registers or as capture registers, depend-
ing on the mode of operation
• A 5-bit fully programmable clock prescaler
• Clock source selectors for each counter which enable
each counter to operate in:
— Pulse accumulate mode
— External event mode
— Prescaled system clock mode
— Slow speed clock input mode (where applicable)
• Two I/O pins (TA and TB) with programmable edge de-
tection which operate as:
— Capture inputs
— Capture and preset inputs
— External event (clock) inputs
— PWM outputs
• Two interrupts, one for each counter, which can be gen-
erated/ triggered by:
— Timer underflow
— Timer reload
— Input capture
Four pending bits, which can be polled by the user soft-
ware, are associated with the two interrupts.
14.2 FUNCTIONAL DESCRIPTION
The MFT16 module consists of two functional units:
• A Clock Source Unit which contains a 5-bit prescaler
and two separate clock source selectors, one for each
counter.
• The main timer/counter and action unit which contains
two counters, two reload registers, and a mode selec-
tor/control unit which defines the function of the I/O pins
and the interrupts.
Figure 14-1 illustrates the contents of the MFT16 and their
top level interaction.
Reload/Capture A
Counter 1
Reload/Capture
Timer/Counter
Timer/Counter and Action
Clock
System
Clock
TB
& Control
PWM/Capture/Counter Mode Select
TA
External Event
Interrupt A
Interrupt B
Slow
Clock
Figure 14-1. MFT16 Functional Diagram
32.768 KHz
Source
Unit
TCRA
Timer/Counter 1
TCNT1
Reload/Capture B
TCRB
Timer/Counter 2
TCNT2
Clock
Counter 2
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com