Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 110 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 110 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 106Page - National Semiconductor (TI) PC87570 Datasheet HTML 107Page - National Semiconductor (TI) PC87570 Datasheet HTML 108Page - National Semiconductor (TI) PC87570 Datasheet HTML 109Page - National Semiconductor (TI) PC87570 Datasheet HTML 110Page - National Semiconductor (TI) PC87570 Datasheet HTML 111Page - National Semiconductor (TI) PC87570 Datasheet HTML 112Page - National Semiconductor (TI) PC87570 Datasheet HTML 113Page - National Semiconductor (TI) PC87570 Datasheet HTML 114Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 168 page
background image
Multi-Function 16-Bit Timer (MFT16)
110
www.national.com
Mode 2, Dual Input Capture
Dual capture mode can be used to precisely measure the
frequency of an external clock that is slower than the select-
ed clock source frequency, or to measure the elapsed time
between external events. A transition received on the TA or
TB pin causes a transfer of the timer/counter 1 contents to
the TCRA or TCRB register, respectively. In this mode tim-
er/counter 2 can be utilized as a system timer which is pre-
loaded by the user software and will generate an interrupt
on underflow.
Figure 14-5 shows a block diagram of the timer operating in
mode 2. In this mode of operation the timebase of the cap-
ture timer is formed by counter I, which counts down with
the clock selected via the counter 1 clock selector. In the
dual-input capture mode, the TA and TB pins function as
capture inputs. A transition received on the TA pin causes a
transfer of the timer contents to the TCRA register. Similar-
ly, a transition received on the TB pin causes a transfer of
the timer contents to the TCRB register.
The TA and TB inputs can be configured to perform a
counter preset to FFFFh on reception of a valid capture
event. In this case the current value of the counter is trans-
ferred to the corresponding capture register and then the
counter is preset to FFFFh. Using this approach allows you
to determine directly the on-time, off-time, or period of an
external signal while reducing CPU overhead.
The pulse width of the input signal on TA and TB must be
equal to or greater than one system clock cycle. (See the
AC Electrical Specs in Chapter 3 for additional details.) The
values captured in the TCRA register at different times re-
flect the elapsed time between transitions on the TA pin.
The same is true for the TCRB register and TB pin. Each in-
put pin can be configured to sense either positive-going or
negative-going transitions.
The timer can be configured to generate interrupts on re-
ception of a transition on either TA or TB, which can en-
abled or disabled separately by the TAIEN and TBIEN bits.
An underflow of TCNT1 can also generate an interrupt, if
enabled by the TCIEN bit. All three interrupts have individ-
ual pending flags associated with them. (See Section 14.4.2
on page 113 for detailed information.)
The second timer/counter 2 can be used as a simple system
timer in this mode of operation. The counter TCNT2 counts
down with the clock selected via the counter 2 clock selec-
tor, and can be configured to generate an interrupt on un-
derflow, if enabled by the TDIEN bit. (See Section 14.4.2 on
page 113 for detailed information.)
Note that TCNT1 cannot operate in the “Pulse Accumulate”
or “External Event Counter” modes of operations since the
TB input is used as a capture input. Selecting either “Pulse
Accumulate” mode or “External Event Counter” mode for
TCNT1 causes TCNT1 to stop.
However, all available clock source modes may be selected
for TCNT2. Thus it is possible to determine the number of
capture events on TB, or the elapsed time between capture
events on TB by using TCNT2.
Capture A
Timer/Counter 1
Capture B
TCNT1
TCRA
TCRB
Timer/Counter 2
TCNT2
Timer1
Clock
Timer 2
Clock
TB
TA
TAIEN
TAPND
Timer
Interrupt 1
TBIEN
TBPND
Timer
Interrupt 1
TCIEN
TCPND
Timer
Interrupt 1
Underflow
TDIEN
TDPND
Timer
Interrupt 2
Underflow
TAEN
Preset
Preset
TBEN
Figure 14-5. Mode 2, Dual Input Capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com