Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 113 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 113 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 109Page - National Semiconductor (TI) PC87570 Datasheet HTML 110Page - National Semiconductor (TI) PC87570 Datasheet HTML 111Page - National Semiconductor (TI) PC87570 Datasheet HTML 112Page - National Semiconductor (TI) PC87570 Datasheet HTML 113Page - National Semiconductor (TI) PC87570 Datasheet HTML 114Page - National Semiconductor (TI) PC87570 Datasheet HTML 115Page - National Semiconductor (TI) PC87570 Datasheet HTML 116Page - National Semiconductor (TI) PC87570 Datasheet HTML 117Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 168 page
background image
Multi-Function 16-Bit Timer (MFT16)
113
www.national.com
14.4.2
Timer Interrupts
The MFT16 contains a total of four interrupt sources which
are mapped to two different system interrupts. All sources
have a pending flag associated with them, and can be en-
abled or disabled under software control. The pending flags
are TXPND, where n is the module and X is a letter from A
to D. An interrupt enable flag, TXIEN, is associated with
each interrupt pending flag. The interrupt source A, B and C
can generate a timer interrupt I, while the interrupt source D
can generate a timer interrupt II. Note that not all interrupt
sources are available in all modes. Table 14-2 shows which
events can trigger an interrupt in which mode of operation:
14.4.3
Timer I/O Functions
There are two I/O pins associated with each MFT, TA and
TB. The functionality of TA and TB depends on the mode of
operation, and the value of the TAEN and TBEN bits. Table
14-3 shows the function of TA and TB versus the selected
mode of operation. Note that if TA functions as a PWM out-
put, the initial and present value of TA is defined by TAOUT.
For example, if you want to start with TA high, TAOUT must
be set (1) prior to enabling the timer clock.
Table 14-2. MFT16 Interrupts
Sys.
Int.
Interrupt
Pending
Flag
Mode 1
Mode 2
Mode 3
Mode 4
PWM and Counter
Dual Input Capture
Dual Independent
Timer
Input Capture and
Timer
Timer
Int. I
TAPND
TCNT1 reload from
TCRA
Input capture on
TA
transition
TCNT1 reload from
TCRA
TCNT1 reload from
TCRA
TBPND
TCNT1 reload from
TCRB
Input Capture on
TB
transition
N/A
Input Capture on
TB
transition
TCPND
N/A
TCNT1 underflow
N/A
N/A
Timer
Int. II
TDPND
TCNT2 underflow
TCNT2 underflow
TCNT2 reload from
TCRB
TCNT2 underflow
Table 14-3. MFT16 I/O Functions
I/O
TAEN
TBEN
Mode 1
Mode 2
Mode 3
Mode 4
PWM and Counter
Dual Input Capture
Dual Independent
Timer
Input Capture and
Timer
TA
TAEN=0
TBEN=X
No Output
Capture
TCNT1 into
TCRA
No Output toggle
No Output toggle
TAEN=1
TBEN=X
Toggle Output on un-
derflow of
TCNT1
Capture
TCNT1 into
TCRA and preset
TCNT1
Toggle Output on un-
derflow of
TCNT1
Toggle Output on un-
derflow of
TCNT1
TB
TAEN=X
TBEN=0
Ext. Event or Pulse
Accumulate Input
Capture
TCNT1 into
TCRB
Ext. Event or Pulse
Accumulate Input
Capture
TCNT2 into
TCRB
TAEN=X
TBEN=1
Ext. Event or Pulse
Accumulate Input
Capture
TCNT1 into
TCRB and preset
TCNT1
Ext. Event or Pulse
Accumulate Input
Capture
TCNT2 into
TCRB and preset
TCNT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com