Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 111 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 111 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 107Page - National Semiconductor (TI) PC87570 Datasheet HTML 108Page - National Semiconductor (TI) PC87570 Datasheet HTML 109Page - National Semiconductor (TI) PC87570 Datasheet HTML 110Page - National Semiconductor (TI) PC87570 Datasheet HTML 111Page - National Semiconductor (TI) PC87570 Datasheet HTML 112Page - National Semiconductor (TI) PC87570 Datasheet HTML 113Page - National Semiconductor (TI) PC87570 Datasheet HTML 114Page - National Semiconductor (TI) PC87570 Datasheet HTML 115Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 168 page
background image
Multi-Function 16-Bit Timer (MFT16)
111
www.national.com
Mode 3, Dual Independent Timer
Dual Independent Timer mode can be used for a wide vari-
ety of system tasks such as the generation of period system
interrupts, either based on the prescaled clock or external
events on TB. The timer can also toggle the TA pin on un-
derflow allowing the simple generation of a processor-inde-
pendent 50% duty cycle PWM signal on TA. In this mode
TCNT1 counts down, and reloads from TCRA on underflow
while TCNT2 is reloaded from TCRB on underflow.
In this mode the timer is configured to operate as a dual in-
dependent system timer, or dual external event counter. In
addition, timer/counter 1 can generate a 50% duty cycle
PWM signal on the TA pin. The TB pin can be used as an
external event input, or pulse accumulate input, and forms
the clock source to either counter 1 or counter II, as de-
scribed above. Both counters can also be operated from the
prescaled system clock. Figure 14-6 shows a block diagram
of the timer in mode 3.
Timer/counter 1 (TCNT1) counts down at the rate of the se-
lected clock. (See section “Counter Clock Source Select” on
page 108 for additional details). On underflow TCNT1 is re-
loaded from the TCRA register, and counting proceeds. If
enabled, the TA pin toggles on underflow of TCNT1. Soft-
ware can select the initial value of the TA output as either
high or low. See “Timer I/O Functions” on page 113 for ad-
ditional details. In addition, the TAPND interrupt pending
flag is set, and a timer interrupt 1 generated, if the TAIEN bit
is set to 1. (See Section “Timer Interrupts” on page 113 for
detailed information.) Since TA toggles on every underflow,
a 50% duty cycle PWM signal can be generated on TA with-
out requiring any interaction of the user software, and hence
the CPU.
Timer/counter 2 (TCNT2) counts down at the rate of the se-
lected clock. (See Section “Counter Clock Source Select”
on page 108 additional details). On every underflow of
TCNT2 the value contained in the TCRB register is loaded
into TCNT2, and counting proceeds downwards from that
value. In addition, the TDPND interrupt pending flag is set,
and a timer interrupt 2 is generated if the TDIEN bit is set to
1. (See Section 14.4.2 on page 113 for detailed informa-
tion.)
Reload A
Timer/Counter 1
Reload B
Timer 1
Clock
TA
TAIEN
TAPND
TCNT1
TCRA
TCRB
TDIEN
TDPND
Timer
Interrupt 1
Timer
Interrupt 2
TAEN
Timer/Counter 2
TCNT2
Timer 2
Clock
TB
Clock
Selector
Underflow
Underflow
Figure 14-6. Mode 3, Dual Independent Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com