Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 112 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 112 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 108Page - National Semiconductor (TI) PC87570 Datasheet HTML 109Page - National Semiconductor (TI) PC87570 Datasheet HTML 110Page - National Semiconductor (TI) PC87570 Datasheet HTML 111Page - National Semiconductor (TI) PC87570 Datasheet HTML 112Page - National Semiconductor (TI) PC87570 Datasheet HTML 113Page - National Semiconductor (TI) PC87570 Datasheet HTML 114Page - National Semiconductor (TI) PC87570 Datasheet HTML 115Page - National Semiconductor (TI) PC87570 Datasheet HTML 116Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 168 page
background image
Multi-Function 16-Bit Timer (MFT16)
112
www.national.com
Mode 4, Input Capture and Timer
It is also possible to operate in a mode which offers a com-
bination of a single timer with automatic reload and a single
capture timer. In this mode TCNT1 operates as a PWM-tim-
er which is reloaded from TCRA on underflow while TCNT2
forms the time base of the capture timer. The value on
TCNT2 is transferred to TCRB on detection of a valid event
on TB. It is possible to toggle TA on every underflow of
TCNT1 and thus generate a 50% duty cycle PWM signal on
TA.
This mode is a combination of mode 3 and mode 2, and al-
lows you to operate the timer/counter 2 as a single input
capture timer, while timer/counter 1 can be used as a sys-
tem timer as described above. Figure 14-7 shows a block
diagram of the timer in mode 4.
TCNT1 starts counting down once a clock has been en-
abled. On underflow TCNT1 is reloaded from the TCRA reg-
ister, and counting proceeds downwards from that value. If
enabled the TA pin toggles on every underflow of TCNT1.
Software can select the initial value of the TA output signal
as either high or low. See “Timer I/O Functions” on page
113 for additional details. In addition, the TAPND interrupt
pending flag is set, and a timer interrupt 1 is generated, if
the TAIEN bit is set to 1. (See Section “Timer Interrupts” on
page 113 for detailed information). Since TA toggles on ev-
ery underflow a 50% duty cycle PWM signal can be gener-
ated on TA without requiring any interaction of the user
software and thus the CPU.
TCNT2 starts counting down once a clock has been en-
abled. When a transition is received on TB the value con-
tained in TCNT2 is transferred to TCRB, and the interrupt
pending flag TBPND is set. A timer interrupt 2 is generated,
if it is enabled. You can enable a preset of the counter to
FFFFh on detection of a transition on TB. In this case the
current value of TCNT2 is transferred to TCRB, followed by
a preset of the counter to FFFFh. TCNT2 starts counting
downwards from FFFFh, until the next transition is received
on TB, which causes the procedure of capture and preset to
be repeated. Underflow of TCNT2 sets the TDPND interrupt
pending flag, and can also generate a timer interrupt II, if
enabled. (See Section “Timer Interrupts” for detailed infor-
mation.) The input signal on TB must have a pulse width
equal to, or greater than, one system clock cycle. (See the
AC Electrical Specs in Chapter 3 for additional details.) TB
can be configured to sense either positive-going or nega-
tive-going transitions.
Note that TCNT2 can not operate in the “Pulse Accumulate”
or “External Event Counter” modes of operations since the
TB input is used as a capture input. Selecting either “Pulse
Accumulate” mode or “External Event Counter” mode for
TCNT2 causes TCNT2 to stop.
However, all available clock source modes may be selected
for TCNT1. Thus it is possible to determine the number of
capture events on TB or the elapsed time between capture
events on TB by using TCNT1.
Reload A
Timer/Counter 1
Capture B
Timer 1
Clock
TA
TAIEN
TAPND
TCNT1
TCRA
TCRB
Timer
Interrupt 1
TATEN
Timer/Counter 2
TCNT2
Timer 2
Clock
Underflow
TDIEN
TDPND
Timer
Interrupt 2
TBIEN
TBPND
Timer
Interrupt 1
TB
TBEN
Preset
Figure 14-7. Mode 4, Input Capture and Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com