Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 114 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 114 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 110Page - National Semiconductor (TI) PC87570 Datasheet HTML 111Page - National Semiconductor (TI) PC87570 Datasheet HTML 112Page - National Semiconductor (TI) PC87570 Datasheet HTML 113Page - National Semiconductor (TI) PC87570 Datasheet HTML 114Page - National Semiconductor (TI) PC87570 Datasheet HTML 115Page - National Semiconductor (TI) PC87570 Datasheet HTML 116Page - National Semiconductor (TI) PC87570 Datasheet HTML 117Page - National Semiconductor (TI) PC87570 Datasheet HTML 118Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 168 page
background image
Multi-Function 16-Bit Timer (MFT16)
114
www.national.com
14.5 MFT16 REGISTERS
14.5.1
Clock Prescaler Register (TPRSC)
The TPRSC Register is a byte-wide read/write register. It
contains the current value of the clock prescaler, CLKPS.
The register is cleared on reset. It defines the timer clock
prescaler ratio.
Bits 4-0 - Clock Prescaler (CLKPS)
The timer clock is generated by dividing the system
clock by CLKPS+1. Therefore the maximum timer clock
frequency
is
equal
to
the
system
clock
(CLKPS=000002) and the minimum timer clock is the
system clock divided by 32 (CLKPS=111112).
14.5.2
Clock Unit Control Register (TCKC)
The TCKC Register is a byte-wide read/write register. It de-
fines the clock source selection for each timer counter. The
register is cleared on reset, thus disabling timer/counter 1
and timer/counter 2 clocks.
Bits 2-0 - Counter 1 Clock Select (C1CSEL)
Defines the clock mode for timer/counter 1 where:
000:
No Clock (Counter 1 stopped)
001:
Prescaled system clock
010:
External Event on TnB
011:
Pulse Accumulate
100:
Slow Speed Clock
Bits 5-3 - Counter 2 Clock Select (C2CSEL)
Defines the clock mode for timer/counter 2 where:
000:
No Clock (Counter 1 stopped)
001:
Prescaled system clock
010:
External Event on TnB
011:
Pulse Accumulate
100:
Slow Speed Clock
14.5.3
Timer/Counter Register 1 (TCNT1)
The TCNT1 Register is a word-wide register which is not al-
tered by reset. The value on power-on is unknown.
14.5.4
Timer/Counter Register 2 (TCNT2)
The TCNT2 Register is a word-wide read/write register which
is not altered by reset. The power-up value is unknown.
14.5.5
Reload/Capture Register A(TCRA)
The TCRA Register is a word-wide read/write register which
is not affected by reset and thus contains random data on
power-up.
14.5.6
Reload/Capture Register B (TCRB)
The TCRB Register is a word-wide read/write register which
is not affected by reset and thus contains random data on
power-up.
14.5.7
Timer Mode Control Register (TCTRL)
The TCTRL Register is a byte-wide read/write register. It
defines the mode of operation of the timer/counter and the
TA and TB I/O pins. The register is cleared on reset.
Bits 1-0 - Mode Select (MDSEL)
Defines the MFT16 mode of operation where:
00: Mode 1
01: Mode 2
10: Mode 3
11: Mode 4
Bit 2 - TA Edge Polarity (TAEDG)
When cleared (0) a high-to-low transition on TA causes
the action defined by the mode of operation e.g., input
capture. When set (1) a low-to-high transition on TA re-
sults in the defined action.
Bit 3 - TB Edge Polarity (TBEDG)
When cleared (0) a high-to-low transition on TB causes
the action defined by the mode of operation e.g., input
capture or external event count. When set (1) a low-to-
high transition on TB results in the defined action. In
pulse accumulate mode, when set (1) count is enabled
if TB is high. When cleared (0), and while operating in
pulse accumulate mode, the counter is enabled if TB is
low.
7
5
4
0
Reserved
CLKPS
7
6
5
3
2
0
Reserved
C2CSEL
C1CSEL
15
0
TCNT1
15
0
TCNT2
15
0
TCRA
15
0
TCRB
7
6
5
4
3
2
1
0
Res
TAOUT TBEN TAEN TBEDG TAEDG MDSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com