Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 123 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 123 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 119Page - National Semiconductor (TI) PC87570 Datasheet HTML 120Page - National Semiconductor (TI) PC87570 Datasheet HTML 121Page - National Semiconductor (TI) PC87570 Datasheet HTML 122Page - National Semiconductor (TI) PC87570 Datasheet HTML 123Page - National Semiconductor (TI) PC87570 Datasheet HTML 124Page - National Semiconductor (TI) PC87570 Datasheet HTML 125Page - National Semiconductor (TI) PC87570 Datasheet HTML 126Page - National Semiconductor (TI) PC87570 Datasheet HTML 127Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 168 page
background image
Analog to Digital Converter (ADC) - January 1998
123
www.national.com
16.4 ADC REGISTERS
The ADC interfaces with the CR16A core, as shown in the
"Block Diagram" on page 1. The interface is implemented by
a set of four status and control registers, and four data reg-
isters. These registers are mapped in the address space of
the CR16A. For details on the address location of these reg-
isters, refer to Appendix A on page 156.
16.4.1
ADC Status Register (ADCST)
This is a is a byte-wide, read/write register that reports the
ADC status. Upon reset, the non-reserved bits are cleared
Bit 0 - End of Conversion (EOC)
This bit reports the ADC conversion status. This bit is
read only and data written to it is ignored. It is written by
the hardware as follows:
0: Conversion is not complete. It is also cleared when
any of the data registers is read.
1: Conversion is complete. Indicates that the data was
placed in the buffer.
Bit 1 - BUSY
This flag indicates that the ADC is busy converting data.
It is a read only bit and any data written to it is ignored.
It is written by the hardware as follows:
0: ADC is not busy and a new conversion can be
started. This bit is cleared whenever:
— ADC is disabled, (ADCEN of the ADCCNT1
Register is cleared)
— ADC is idle, (i.e., ADC is enabled, ADCEN=1,
and not converting).
1: ADC is busy converting. START should not be set
before completion of the current conversion.
Bit 2 - Overflow (OVF)
0: This bit remains set until the software writes 1 to it.
Writing 0 has no effect on this bit.
1: The ADC finished conversion and attempted to
store the result in a data register (ADDATA0-3), but
it was full. A data register is full if it was written by
the ADC and was not read by the CR16A core. In
this case, the ADC overrides the data in the ADDA-
TAn Register, sets OVF and continues operation.
Bits 5-4 - Buffer Pointer (BUFPTR)
BUFPTR holds the number of the last written data reg-
ister (ADDATA0-3). BUFPTR is set to 11 when START
of the ADCCNT2 Register is changed from 0 to 1. It is a
read only field; data written to it is ignored.
16.4.2
ADC Control Register 1 (ADCCNT1)
This is a byte-wide, read/write register that enables the ADC
and the internal reference. In addition, it configures the in-
terface scheme. Changing bits 1 through 7 of ADCCNT1
while the module is active is not allowed. The ADC is active
while START of the ADCCNT2 Register or BUSY of the
ADCST Register are set. Upon reset, the non-reserved bits
of ADCCNT1 are cleared.
Bit 0 - ADC Enable (ADCEN)
0: When the software clears this bit, the ADC is dis-
abled and the current conversion operation is ter-
minated. The status flags EOC, BUSY and OVF in
the ADCST Register and START of the ADCCNT2
Register are cleared. However, it is recommended
to disable the ADC only when it is in Idle mode (not
converting, START and BUSY are both 0). See
Figure 16-3.
1: When the software sets this bit, the ADC is en-
abled. Conversion can be started as described in
Section 16.2.6.
Bit 1 - Internal VREF (INTREF)
This read/write bit selects the source of the reference
voltage. See also Figure 16-1 and Section 16.2.2.
Note: INTREF can be changed independently of AD-
CEN. However, the internal reference block is turned on
only when the ADC is enabled (ADCEN is set to 1).
Since an external capacitor is present on the VREF pin,
there is a delay of approximately 50
µs until the voltage
on the pin stabilizes after INTREF is set. See Section
16.2.5 on page 120.
0: An external reference voltage should be connected
to VREF pin, as a reference voltage for the ADC op-
eration. In this case, the internal reference voltage
source is disabled and does not drain power.
1: Enables the on-chip reference voltage source and
connects it to the DAC input.
Bit 2 - Interrupt Enable (INTE)
This bit controls interrupt generation to the CR16A core.
See also Chapter 9 on page 81.
0: When cleared, the interrupt is disabled and the in-
terrupt signal is always low.
1: When set, the interrupt is enabled. When EOC is
set by the hardware (i.e., end of conversion or buff-
er full), a level high interrupt is sent to the ICU.
16.4.3
ADC Control Register 2 (ADCCNT2)
The ADCCNT2 Register is a byte-wide, read/write register
that configures the A/D converter into a specific mode of op-
eration. CHANNEL, CONT and SCAN should be changed
only while START=0. Upon reset, all bits of ADCCNT2 are
cleared (0).
76543210
Res
BUFPTR
Res
OVF BUSY EOC
BUFPTR
Last Written Data Register
00
ADDATA0
01
ADDATA1
10
ADDATA2
11
ADDATA3
76543
2
1
0
Reserved
INTE
INTREF ADCEN
7
6
5
4
3210
START
Res
SCAN CONT Res
CHANNEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com