Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 124 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 124 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 120Page - National Semiconductor (TI) PC87570 Datasheet HTML 121Page - National Semiconductor (TI) PC87570 Datasheet HTML 122Page - National Semiconductor (TI) PC87570 Datasheet HTML 123Page - National Semiconductor (TI) PC87570 Datasheet HTML 124Page - National Semiconductor (TI) PC87570 Datasheet HTML 125Page - National Semiconductor (TI) PC87570 Datasheet HTML 126Page - National Semiconductor (TI) PC87570 Datasheet HTML 127Page - National Semiconductor (TI) PC87570 Datasheet HTML 128Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 168 page
background image
Analog to Digital Converter (ADC) - January 1998
124
www.national.com
Bits 2-0 - Analog Input Channel Select (CHANNEL)
These bits control the input multiplexer and select the
channel to be connected to the Sample and Hold block
(see Figure 16-1). When using a scan mode, it specifies
the first channel to be converted. The software should
configure this field before setting START.
Table 16-4. Analog Input Channel Selection
Bit 3- Reserved
This bit is 0 after reset. Always write zero to this bit.
Bit 4 - Continuous Conversion (CONT)
When set, a new conversion starts after completion of
the current conversion cycle (or conversion burst). The
software should configure this field before setting
START.
0: Single conversion, or one burst of four conversions
1: Continuous conversion
Bits 5 - SCAN
This bit defines whether a single channel or a burst of
four channels is scanned. The software should config-
ure this field before setting START.
0: One channel
1: Four channel scan
Bit 6 - Reserved
This bit is 0 after reset. Always write zero to this bit.
Bit 7 - START
This bit can be set by the software to initiate a conver-
sion cycle. The conversion mode is defined by bits 4 and
5 of this register. The software should not set this bit
while BUSY of the ADCST Register is set.
0: When cleared, the current conversion process is
completed and no subsequent conversion begins
until this bit is set again.
— In single conversion modes (one or four chan-
nels, see bits 4 and 5 of this register), START is
automatically cleared by the hardware upon
completion of the conversion(s).
— In continuous conversion modes, the hardware
does not clear this bit.
1: When set by the software, the conversion process
begins.
16.4.4
ADC Control Register 3 (ADCCNT3)
The ADCCNT3 Register is a byte-wide, read/write register.
ADCCNT3 should be written only when the ADC is disabled
(ADCEN of the ADCCNT1 Register is 0). Upon reset, non-
reserved bits of ADCCNT3 are cleared (0).
Bits 2-0 - ADC Clock Divide (CDIV)
CDIV defines the ratio between the system clock fre-
quency and the ADC clock frequency. The CDIV should
be programmed to guarantee that the ADC conversion
clock is up to 1 MHz. See Figure 16-1 and Chapter 7 on
page 76.
Table 16-5. CDIV Ratios
Bits 5-3 - DELAY
This field allows the user to adjust the sampling time ac-
cording to the external circuits connected to the analog
inputs and the ADC clock frequency.
It defines the delay from setting START or the comple-
tion of previous conversion (in continuous or burst
modes), to the beginning of a new conversion.
The sampling time is defined in terms of ADC clock cy-
cles. It should be used to guarantee the settling time of
the internal sampling circuit. See Section 16.5.5 for fur-
ther details.
Table 16-6. Sampling Time
CHANNEL Bits
2
1
0
Selected Channel
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
76543210
Reserved
DELAY
CDIV
CDIV Bits
2
1
0
System Clock to Conversion Clock
Frequency Ratio
000
1
001
2
010
4
011
8
100
16
101
32
Other
Reserved
DELAY Bits
5
4
3
Sampling Time
(Conversion Clock Cycles)
000
1
001
2
010
4
011
8
100
16
101
32
110
64
1
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com