Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 131 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 131 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 127Page - National Semiconductor (TI) PC87570 Datasheet HTML 128Page - National Semiconductor (TI) PC87570 Datasheet HTML 129Page - National Semiconductor (TI) PC87570 Datasheet HTML 130Page - National Semiconductor (TI) PC87570 Datasheet HTML 131Page - National Semiconductor (TI) PC87570 Datasheet HTML 132Page - National Semiconductor (TI) PC87570 Datasheet HTML 133Page - National Semiconductor (TI) PC87570 Datasheet HTML 134Page - National Semiconductor (TI) PC87570 Datasheet HTML 135Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 168 page
background image
Development System Support
131
www.national.com
18.4.3
Pipe Status Signals
The Pipe Flow Signal (PFS) indicates the completion of an
instruction in the CR16A. The Pipe Long Instruction (PLI)
signal indicates the size of the completed instruction, where
0 = word instruction and 1 = double-word instruction. If an
instruction flashes the pipeline, the fetch for the next instruc-
tion (BST=101) is issued during the cycle following the in-
struction’s PFS, or later. See Figure 18-1.
18.5 DEVELOPMENT SYSTEM REGISTERS
18.5.1
Debug Configuration Register (DBGCFG)
The DBGCFG Register is a byte-wide, read/write register
that controls the configuration of debug support features.
Upon reset, DBGCFG is cleared (0).
The DBGCFG Register controls the debug features. Only
the development tools may access DBGCFG. This enables
application software to be binary compatible in all environ-
ments.
Bit 0 - ON
0: In IRE and IRD environments, always cleared to 0;
any data written to it is ignored.
1: In Dev environment, enables the following debug
support features:
- ISE interrupt input signal
- Use of other bits in the DBGCFG.
Bit 1 - FREEZE
0: No effect
1: When ON is 1, stops the WATCHDOG timer from
counting. All destructive reads (i.e., bits set or
cleared by read operations and other events trig-
gered by reads), become indifferent to reads. An
exception is the NMISTAT Register, which is not ef-
fected by reads. Additional modules may be frozen
as defined by DBGFRZEN Register. FREEZE has
no effect when ON is 0.
18.5.2
Debug Freeze Enable Register (DBGFRZEN)
The DBGFRZEN Register is a byte-wide, read/write register
that enables the freeze operation on some modules during
debug. Each bit when set, enable the freeze of activities in
the respective module when the DBGCFG.FREEZE bit is set
(if DBGCFG.ON=1). Upon reset, DBGFRZEN is cleared (0).
Bit 0 - MFT16 Freeze Enable (MFT16FEN)
0: FREEZE in the DBGCFG Register has no effect on
the MFT16
1: Freezes the MFT16 when FREEZE is set
Bit 1 - ACB Freeze Enable (ACBFEN)
0: FREEZE in the DBGCFG Register has no effect on
the ACB interface
1: Freezes the ACB interface when FREEZE is set
7
2
1
0
Reserved
FREEZE
ON
CLK
PFS
PLI
Instruction i
Completed
Instruction i+1
Completed
Figure 18-1. Pipe Status Signal (PFS and PLI)
7
2
1
0
Reserved
ACBFEN
MFT16FEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com