Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 133 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 133 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 129Page - National Semiconductor (TI) PC87570 Datasheet HTML 130Page - National Semiconductor (TI) PC87570 Datasheet HTML 131Page - National Semiconductor (TI) PC87570 Datasheet HTML 132Page - National Semiconductor (TI) PC87570 Datasheet HTML 133Page - National Semiconductor (TI) PC87570 Datasheet HTML 134Page - National Semiconductor (TI) PC87570 Datasheet HTML 135Page - National Semiconductor (TI) PC87570 Datasheet HTML 136Page - National Semiconductor (TI) PC87570 Datasheet HTML 137Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 168 page
background image
133
Device Specifications
www.national.com
19.2.2
Absolute Maximum Ratings
Absolute maximum ratings are values beyond which damage to the device may occur. Continuous operation at these limits
is not recommended.
Unless otherwise specified, all voltages are relative to ground.
Table 19-3. Absolute Maximum Ratings
19.2.3
Power Supply Current under Recommended Operating Conditions
1. Value based on test complying with RAI-5-048-RA human body model ESD testing.
1. All parameters specified for 0
° C ≤ T
A ≤ 70° C; VCC= 3.3V ±10%, VCC = 5.0V ±10% unless otherwise specified.
2. VIL=GND, VIH=VCC
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VCC
−0.5
6.5
V
Input Voltage
VI
−0.5
7.0
V
Output Voltage
VO
−0.5
VCC + 0.5
V
Storage Temperature
TSTG
−65
+165
° C
Power Dissipation
PD
1W
Lead Temperature Soldering (10 sec)
TL
+260
° C
ESD Tolerance
C
ZAP
= 100 pF
R
ZAP
= 1.5 K
Ω1
2000
V
Table 19-4. Supply Current
Parameter
Symbol
Conditions1
Vcc = 5 V
± 10%
Vcc = 3.3 V
± 10%
Unit
Min
Typ
Max
Min
Typ
Max
Active Supply Current
ICC1
tCLK=250 ns
30
20
mA
tCLK=100 ns
45
30
mA
Active Executing WAIT
Supply Current
ICC2
tCLK=250 ns
10
6.6
mA
tCLK=100 ns
15
10
mA
Idle Mode Supply Current
ICC3
Idle Mode2
15
10
µA
VBAT Supply Current
ICC4
Power Off Mode
1
1.5
1
1.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com