Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 137 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 137 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 133Page - National Semiconductor (TI) PC87570 Datasheet HTML 134Page - National Semiconductor (TI) PC87570 Datasheet HTML 135Page - National Semiconductor (TI) PC87570 Datasheet HTML 136Page - National Semiconductor (TI) PC87570 Datasheet HTML 137Page - National Semiconductor (TI) PC87570 Datasheet HTML 138Page - National Semiconductor (TI) PC87570 Datasheet HTML 139Page - National Semiconductor (TI) PC87570 Datasheet HTML 140Page - National Semiconductor (TI) PC87570 Datasheet HTML 141Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 168 page
background image
137
Device Specifications
www.national.com
19.4 AC ELECTRICAL CHARACTERISTICS
The following abbreviations are used in this section:
RE = Rising Edge
FE = Falling Edge
19.4.1
Definitions
The timing specifications in this section refer to low or high level voltage according to the specific buffer type (TTL or CMOS)
on the rising or falling edges of all the signals, as illustrated in the following figures, unless specifically stated otherwise.
Figure 19-2. CMOS and CMOS High Drive: Output Signals Specification Standard
Figure 19-3. TTL: Input Signals Specification Standard
Figure 19-4. CMOS with Hysteresis Inputs
CLK
SIG1
SIG2
VOH, VOHhd
VO, VOLhd
VOH, VOHhd
VOL, VOLhd
tSIG1v tSIG1a
Vcc * 0.3
Vcc * 0.7
2.0V
2.40V
Vcc * 0.7
Vcc * 0.3
tSIG2h
tSIG1h
tSIG2v tSIG2s
or tSIG1ia
or tSIG2ia
CLK
SIG1
SIG2
2.4V
0.4V
0.8V
2.0V
0.8V
2.0V
tSIG1s
setup
tSIG1h
hold
tSIG2h
hold
tSIG2s
setup
VCHl
VCHh
Vhys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com