Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 140 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 140 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 136Page - National Semiconductor (TI) PC87570 Datasheet HTML 137Page - National Semiconductor (TI) PC87570 Datasheet HTML 138Page - National Semiconductor (TI) PC87570 Datasheet HTML 139Page - National Semiconductor (TI) PC87570 Datasheet HTML 140Page - National Semiconductor (TI) PC87570 Datasheet HTML 141Page - National Semiconductor (TI) PC87570 Datasheet HTML 142Page - National Semiconductor (TI) PC87570 Datasheet HTML 143Page - National Semiconductor (TI) PC87570 Datasheet HTML 144Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 168 page
background image
140
Device Specifications
www.national.com
Host Processor Interface Input Signals
tAR
19-16 Read address valid
Before HIORD or
HMEMRD FE
30 ns
30 ns
tAW
19-17 Address valid to write
active
Before HIOWR or
HMEMWR FE
30 ns
30 ns
tDH
19-17 Write data hold
After HIOWR or
HMEMWR RE
6 ns
6 ns
tDS
19-17 Write data setup
Before HIOWR or
HMEMWR RE
30 ns
30 ns
tHIPONh 19-27 Host input signals
hold
After HPWRON RE
20 ns
20 ns
tHIPONs 19-27 Host input signals
setup
Before HPWRON FE
20 ns
20 ns
tMCSh
19-16,
19-17
HMEMCS hold
After HMEMWR or
HMEMRD RE
10 ns
10 ns
tMCSs
19-16,
19-17
HMEMCS setup
Before HMEMWR
or HMEMRD FE
12 ns
12 ns
tRA
19-16 Read address hold
After HIORD or
HMEMRD RE
00
tRCU
19-16 Read cycle update
After HIORD or
HMEMRD RE
45 ns
45 ns
tRD
19-16 HIORD or HMEMRD
width
FE to RE
60 ns
60 ns
tWA
19-17 Write address hold
After HIOWR or
HMEMWR RE
00
tWCU
19-17 Write cycle update2
After HIOWR or
HMEMWR RE
45 ns
45 ns
tWR
19-17 HIOWR or HMEMWR
width
FE to RE
60 ns
60 ns
RC
19-16 Read cycle
tAR + tRD + tRCU
123 ns
123 ns
WC
19-17 Write cycle
tAW + tWR +tWC
123 ns
123 ns
tRDYH
19-16,
19-17
HIOWR
, HMEMWR,
HIORD or HMEMRD
hold
After IOCHRDY RE
0
0
tWRR
19-17 HIORD or HMEMRD
active
After HIOWR or
HMEMWR RE
80 ns
80 ns
Host Processor Interface Output Signals
tHZ
19-16 Read data floating
After HIORD or
HMEMRD RE
6 ns
25 ns
6 ns
25 ns
tRI
19-16 Clear IRQ1, 12, 11
After HIORD RE
55 ns
55 ns
tRVD
19-16 Read data valid
After HIORD or
HMEMRD FE
55 ns
55 ns
tRDH
19-16 Read data hold
After HIORD or
HMEMRD RE
4 ns
4 ns
Symbol Figure
Description
Reference
Conditions
VCC = 5 V 10%
VCC = 3.3 V ± 10%
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com