Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 142 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 142 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 138Page - National Semiconductor (TI) PC87570 Datasheet HTML 139Page - National Semiconductor (TI) PC87570 Datasheet HTML 140Page - National Semiconductor (TI) PC87570 Datasheet HTML 141Page - National Semiconductor (TI) PC87570 Datasheet HTML 142Page - National Semiconductor (TI) PC87570 Datasheet HTML 143Page - National Semiconductor (TI) PC87570 Datasheet HTML 144Page - National Semiconductor (TI) PC87570 Datasheet HTML 145Page - National Semiconductor (TI) PC87570 Datasheet HTML 146Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 168 page
background image
142
Device Specifications
www.national.com
tCSTRhi
19-21 SCL hold time
After Start condition
8 * tCLK -
tSCLri
8 * tCLK -
tSCLri
tCSTRsi
19-21 SCL setup time
Before Start
condition
8 * tCLK -
tSCLri
8 * tCLK -
tSCLri
tDHCsi
19-21 Data high setup time Before SCL RE
2 * tCLK
2 * tCLK
tDLCsi
19-20 Data low setup time
Before SCL RE
2 * tCLK
2 * tCLK
tSCLfi
19-19 SDA signal fall time
300 ns
300 ns
tSCLri
19-19 SDA signal rise time
1
µs1 µs
tSCLlowi 19-22 SCL low time
After SCL FE
16 * tCLK
16 * tCLK
tSCLhighi 19-22 SCL high time
After SCL RE
16 * tCLK
16 * tCLK
tSDAri
19-19 SDA signal fall time
300 ns
300 ns
tSDAfi
19-19 SDA signal rise time
1
µs1 µs
tSDAhi
19-22 SDA hold time
After SCL FE
0
0
tSDAsi
19-22 SDA setup time
Before SCL RE
2 * tCLK
2 * tCLK
ACCESS.bus Output Signals
tSCLhigho 19-22 SCL high time
After SCL RE
K * tCLK -
1
µs5
K * tCLK -
1
µs5
tSCLlowo 19-22 SCL low time
After SCL FE
K * tCLK -
1
µs5
K * tCLK -
1
µs5
tBUFo
19-20 Bus free time
between Stop and
Start condition
tSCLhigho
6
1
µs
tSCLhigho
6
1
µs
tCSTOso 19-20 SCL setup time
Before Stop
condition
tSCLhigho
6
1
µs
tSCLhigho
6
1
µs
tCSTRho 19-21 SCL hold time
After Start condition
tSCLhigho
6
1
µs
tSCLhigho
6
1
µs
tCSTRso 19-21 SCL setup time
Before Start
condition
tSCLhigho
6
1
µs
tSCLhigho
6
1
µs
tDHCso
19-21 Data high setup time Before SCL RE
tSCLhigho
6
- tSDAro
1
µs
tSCLhigho
6
- tSDAro
1
µs
tDLCso
19-20 Data low setup time
Before SCL RE
tSCLhigho
6
- tSDAfo
1
µs
tSCLhigho
6
- tSDAfo
1
µs
tSCLfo
19-19 SDA signal fall time
300 ns7
300 ns7
tSCLro
19-19 SDA signal rise time
1
µs1 µs
tSDAfo
19-19 SDA signal fall time
300 ns7
300 ns7
tSDAro
19-19 SDA signal rise time
1
µs1 µs
tSDAho
19-22 SDA hold time
After SCL FE
7 * tCLK -
tSCLfo
7 * tCLK -
tSCLfo
Symbol Figure
Description
Reference
Conditions
VCC = 5 V 10%
VCC = 3.3 V ± 10%
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com