Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 143 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 143 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 139Page - National Semiconductor (TI) PC87570 Datasheet HTML 140Page - National Semiconductor (TI) PC87570 Datasheet HTML 141Page - National Semiconductor (TI) PC87570 Datasheet HTML 142Page - National Semiconductor (TI) PC87570 Datasheet HTML 143Page - National Semiconductor (TI) PC87570 Datasheet HTML 144Page - National Semiconductor (TI) PC87570 Datasheet HTML 145Page - National Semiconductor (TI) PC87570 Datasheet HTML 146Page - National Semiconductor (TI) PC87570 Datasheet HTML 147Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 168 page
background image
143
Device Specifications
www.national.com
1. K is the number of wait cycles added to the bus cycle. This number may be 0 or more.
2. In shared memory write operations, the actual write to memory is executed after HMEMWR is inactive. In case
reset or entering Idle mode occurs before the memory write cycle is completed it may be that the data will not be
written to memory.
3. n is the number of clock cycles, as programmed in the IDB field. See PS/2 Control Register in Section 12.5.3 on
page 95.
4. n is the number of clock cycles, as programmed in the IDB field. See PS/2 Control Register in Section 12.5.3 on
page 95.
5. Refer to Table 7-1 on page 76 for the definition of tCLKINTnom.
6. Depends on the signal capacitance and the pull-up value.
7. Assuming signal capacitance up to 400 pF.
tSDAvo
19-22 SDA valid time
After SCL FE
7 * tCLK +
tRD
7 * tCLK +
tRD
MFT16 Input Signals
tTAH
19-18 TA high time
tCLK + 5 ns
tCLK + 5 ns
tTAL
19-18 TA low time
tCLK + 5 ns
tCLK + 5 ns
tTBH
19-18 TB high time
tCLK + 5 ns
tCLK + 5 ns
tTBL
19-18 TB low time
tCLK + 5 ns
tCLK + 5 ns
ICU/Development Input Signals
tIs
19-24 Input setup time
ISE, PFAIL, EXINTn
Before RE CLK
15 ns
15 ns
tIh
19-24 Input hold time
ISE, PFAIL, EXINTn
After RE CLK
0
0
Development Output Signals
tPFSh
19-23 Output hold time
PFS, PLI
After RE CLK
0.5 * tCLK -
6 ns
0.5 * tCLK -
6 ns
tPFSv
19-23 Output active/inactive
time PFS, PLI
After RE CLK
0.5 * tCLK +
12 ns
0.5 * tCLK +
12 ns
Asynchronous Edge Detected Input Signals
tasw
19-24 Input width
EXINTn, HMEMRD,
HMEMWR, ISE,
KBSIN0-7, PFAIL
PSCLK1-3, PSDAT1-
3
15 ns
15 ns
Symbol Figure
Description
Reference
Conditions
VCC = 5 V 10%
VCC = 3.3 V ± 10%
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com