Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 160 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 160 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 156Page - National Semiconductor (TI) PC87570 Datasheet HTML 157Page - National Semiconductor (TI) PC87570 Datasheet HTML 158Page - National Semiconductor (TI) PC87570 Datasheet HTML 159Page - National Semiconductor (TI) PC87570 Datasheet HTML 160Page - National Semiconductor (TI) PC87570 Datasheet HTML 161Page - National Semiconductor (TI) PC87570 Datasheet HTML 162Page - National Semiconductor (TI) PC87570 Datasheet HTML 163Page - National Semiconductor (TI) PC87570 Datasheet HTML 164Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 168 page
background image
Host Interface
76543210
Register
Address
Access
Type
Value After
Reset
CST1
Reserved
HMRA
HPWRONB
RTCLV
RTCMR
LKRTCHA
F900h
Read/Write
00h
CST2
Reserved
APCOFFE
HCFGLK
VHCFGA
HRSTOB
F902h
Read/Write
00h
RTCCA
RTC address[7:0]
F904h
Read/Write
RTCCD
RTC data[7:0]
F906h
Read/Write
HCFGBAL
Host PnP address Low
F908h
Read/Write
HCFGBAH
Host PnP address High
F90Ah
Read/Write
HICTRL
Reserved
PMICIE
PMECIE
PMHIE
IBFCIE
OBECIE
OBFMIE
OBFKIE
FEA0h
Read/Write
00h
HIIRQC
PSPE
IRQNPOL
IRQM
IRQ11B
IRQ12B
IRQ1B
FEA2h
Read/Write
07h
HIKMST
ST3
ST2
ST1
ST0
A2
F0
IBF
OBF
FEA4h
Read/Write
00h
HIKDO
Keyboard Channel DBBOUT Data
FEA6h
Write Only
HIMDO
Mouse Channel DBBOUT Data
FEA8h
Write Only
HIKMDI
Keyboard/Mouse Channel DBBIN Data
FEAAh
Read Only
HIPMST
ST3
ST2
ST1
ST0
A2
F0
IBF
OBF
FEACh
Read/Write
00h
HIPMDO
PM Channel DBBOUT Data
FEAEh
Write Only
HIPMDI
PM Channel DBBIN Data
FEB0h
Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com