Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570 Datasheet(PDF) 162 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 162 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 158Page - National Semiconductor (TI) PC87570 Datasheet HTML 159Page - National Semiconductor (TI) PC87570 Datasheet HTML 160Page - National Semiconductor (TI) PC87570 Datasheet HTML 161Page - National Semiconductor (TI) PC87570 Datasheet HTML 162Page - National Semiconductor (TI) PC87570 Datasheet HTML 163Page - National Semiconductor (TI) PC87570 Datasheet HTML 164Page - National Semiconductor (TI) PC87570 Datasheet HTML 165Page - National Semiconductor (TI) PC87570 Datasheet HTML 166Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 168 page
background image
MIWU
76543210
Register
Address
Access
Type
Value After
Reset
WKEDG1
WKED17
WKED16
WKED15
WKED14
WKED13
WKED12
WKED11
WKED10
FFC0h
Read/Write
00h
WKEDG2
WKED27
WKED26
WKED25
WKED24
WKED23
WKED22
WKED21
WKED20
FFC2h
Read/Write
00h
WKEDG3
WKED37
WKED36
WKED35
WKED34
WKED33
WKED32
WKED31
WKED30
FFC4h
Read/Write
00h
WKPND1
WKPD17
WKPD16
WKPD15
WKPD14
WKPD13
WKPD12
WKPD11
WKPD10
FFC6h
Read/Set
00h
WKPCL1
WKCL17
WKCL16
WKCL15
WKCL14
WKCL13
WKCL12
WKCL11
WKCL10
FFC8h
Write Only
xxh
WKPND2
WKPD27
WKPD26
WKPD25
WKPD24
WKPD23
WKPD22
WKPD21
WKPD20
FFCAh
Read/Set
00h
WKPCL2
WKCL27
WKCL26
WKCL25
WKCL24
WKCL23
WKCL22
WKCL21
WKCL20
FFCCh
Write Only
xxh
WKPND3
WKPD37
WKPD36
WKPD35
WKPD34
WKPD33
WKPD32
WKPD31
WKPD30
FFCEh
Read/Set
00h
WKPCL3
WKCL37
WKCL36
WKCL35
WKCL34
WKCL33
WKCL32
WKCL31
WKCL30
FFD0h
Write Only
xxh
WKEN1
WKEN17
WKEN16
WKEN15
WKEN14
WKEN13
WKEN12
WKEN11
WKEN10
FFD2h
Read/Write
00h
WKEN2
WKEN27
WKEN26
WKEN25
WKEN24
WKEN23
WKEN22
WKEN21
WKEN20
FFD4h
Read/Write
00h
WKEN3
WKEN37
WKEN36
WKEN35
WKEN34
WKEN33
WKEN32
WKEN31
WKEN30
FFD6h
Read/Write
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com