Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 18Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 19Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 20Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 21Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 22Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 23Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 24Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 25Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 168 page
background image
Signal/Pin Connection and Description
22
www.national.com
CLK
97
107
-
CM
PC87570 internal clock (On-chip Clock Multi-
plier output). Available in all environments. For
IRE environment, set MCFG.CLKOE=1. See
Table 2-5 on page 27.
D15-0
138-123
152-137
TTL
CM
CR16A Memory Data bus bits 15 through 0.
DA3-0
88-85
98-95
-
ANOUT
Digital to Analog Converter Output.
ENV1,0
93, 94
103, 104
STRAP
-
Environment select strap pins.These pins define
if the device environment, IRE, IRD or DEV.
They are sampled on power-up reset. See Sec-
tion 2.4 on page 26.
EXINT0
EXINT10
EXINT11
EXINT15
58
69
59
62
64
75
65
68
TTL
-
External Interrupt Inputs 0, 10, 11, 15. Interrupt
signals for general purpose use. These interrupt
signals are asynchronous. See Table 9-2 on
page 82.
GA20
70
76
-
CM
Gate A20 output. See Section 5.11.6 on page
54.
GND
22, 24,
60, 99,
146
24, 26,
66, 109,
160
N/A
N/A
Ground for both on-chip logic, output drivers
and back-up battery circuit. See Figure 19-1 on
page 132 for details on connections with
AGND. See also Figure 16-4 on page 125 and
Figure 17-2 on page 129.
HA18-0
10-1,
160-152
12-3,
174-166
TTL
-
Host Address lines inputs to address registers
in the KBC, PM, RTC/APC and the configura-
tion registers. See Section 5.5.2 on page 50
and Section 5.4.3 on page 50. See also
“HPWRON” pin description below.
HAEN
11
13
TTL
-
Host Address Enable should be low during
HIORD and HIOWR bus transactions, otherwise
the bus transaction is ignored. Refer to Section
19.5.4 on page 150.
HD7-0
20-13
22-15
TTL
CMHD2
Host Data. Bi-directional data bus used to inter-
face the PC87570 to the peripheral data bus of
the host. Refer to Section 19.5.4 on page 150.
HDEN
101
111
STRAP
-
Host Device Enable, strap pin.
When pulled high during power-up reset, con-
figures the Host device (host interface and
RTC) to be enabled as default after each reset.
When low during power-up reset, the mother-
board PnP protocol must be used to enable the
host access to these devices after each reset.
See Section 2.4.2 on page 26 and Section
5.11.5 on page 54.
HIOCHRDY
12
14
-
OD2
Host I/O Channel Ready. An open drain output
that enables extending the host access. This is
used for handling the dual ported access to the
CMOS RAM and to share memory with the
host.
See
“HRMS”
and
“HPWRON”
pins
description below.
HIOR
144
158
TTL
-
Host I/O Read. Active-low input that signals an
I/O data read by the host processor.
Signal
Pin Number
Buffer Type
Function
160-pin
176-pin
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com