Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 43Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 44Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 45Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 46Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 47Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 48Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 49Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 50Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 168 page
background image
On-Chip Memory
47
www.national.com
4.0
On-Chip Memory
4.1
INTERNAL RAM
The PC87570 provides a 1024 byte on-chip RAM array.
A 16-bit wide data bus links the CompactRISC CR16A core
and the system RAM array. Each system RAM read or write
operation is one cycle long, and does not include any wait
states.
4.2
INTERNAL ROM
In IRE environment, the PC87570 provides 2 Kbytes of in-
ternal ROM. It is 16 bits wide and can be accessed by byte
or word transactions.
In IRE environment, internal ROM is used as the system’s
Base Memory. In IRD and Dev environments, off-chip Base
Memory replaces the internal ROM to allow development of
software and prototypes.
4.2.1
Access Times
The SZCFG1 (BIU zone 1 configuration) Register defines
the number of cycles needed to access Base Memory. (See
Section 3.5.3 on page 45 for further details.) The access
time to the ROM can be as fast as zero wait and zero hold
clock cycles, but fast reads cannot be used. To maximize
on-chip ROM performance, see Section 3.6 on page 46.
The access time for internal ROM and off-chip Base Mem-
ory for read operations is the same. This allows cycle-by-cy-
cle compatibility in all the operating environments.
4.2.2
ROM Shadow
After reset, the on-chip ROM can be accessed at two loca-
tions in the address map, starting from address 10000h and
00000h. The latter location, which is also referred to as the
ROM shadow, holds the same information as that included
in address 10000h. When the ROM shadow is turned off
(MCFG.SHOFF=1), access to the ROM shadow is disabled;
only access to the ROM starting from address 10000h is en-
abled. This also enables access to the External Memory.
The PC87570 reset routine should clear the shadow before
attempting to access the External Memory. This should be
done by jumping from the ROM shadow to the main copy
and then setting MCFG.SHOFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com