Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 66Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 67Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 68Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 69Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 70Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 71Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 72Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 73Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 168 page
background image
Real-Time Clock (RTC) and Advanced Power Control (APC)
70
www.national.com
Table 6-4. Divider Chain Control and Bank Selection
Bit 7 - Update in Progress (UIP)
This is a read only bit which is reset at power-up reset
only.
This bit reads 0 when bit 7 of the CRB Register is 1.
1: Timing registers updated within 244
µs
0: Timing registers not updated within 244
µs
6.3.2
RTC Control Register B (CRB)
Bit 0 - Daylight Saving Enable (DSE)
This is a read/write bit which is reset at power-up reset
only.
1: Daylight saving feature enabled, as follows:
In the spring, time advances from 1:59:59 AM to
3:00:00 AM on the first Sunday in April.
In the fall, time returns from 1:59:59 AM to
1:00:00 AM on the last Sunday in October.
0: Daylight saving feature disabled
Bit 1 - 24 or 12 Hour Mode (HM)
This is a read/write bit which is reset at power-up reset
only.
1: 24 hour format enabled
0: 12 hour format enabled
Bit 2 - Data Mode (DM)
This is a read/write bit which is reset at power-up reset only.
1: Binary format enabled
0: BCD format enabled
Bit 3 - Unused
This bit is defined as “Square Wave Enable” by the
MC146818 and is not supported by the RTC. This bit is
always read as 0.
Bit 4 - Update Ended Interrupt Enable (UIE)
This is a read/write bit that is reset to 0 on RTC reset.
1: Generation of Update Ended interrupt enabled.
This interrupt is generated when an update occurs.
0: Generation of Update Ended interrupt disabled
Bit 5 - Alarm Interrupt Enable (AIE)
This is a read/write bit that it is reset to 0 on RTC reset
(i.e., any reset and when SIBCST1.RTCMR is set).
1: Generation of Alarm interrupt enabled. This inter-
rupt is generated immediately after a time update in
which the seconds, minutes, and hours time equal
their respective alarm counterparts.
0:
Generation of alarm interrupt disabled
Bit 6 - Periodic Interrupt Enable (PIE)
This is a read/write bit that is reset to 0 on RTC reset
(i.e., any reset and when SIBCST1.RTCMR is set)
1: Generation of Periodic interrupt enabled. Bits 3-0 of
the CRA Register determine its rate.
0: Generation of Periodic interrupt disabled
Bit 7 - Set Mode (SET)
This is a read/write bit that is reset at power-up reset
only. See also Section 6.2.10 on page 66.
1: The user copy of time is “frozen”, allowing the time
registers to be accessed whether or not an update
occurs.
0: Timing updates occur normally.
6.3.3
RTC Control Register C (CRC)
Bits 3-0 - Reserved
These bits always return 0.
Bit 4 - Update Ended Interrupt Flag (UF)
This is a read/write bit that is reset to 0 on RTC reset
(i.e., any reset and when SIBCST1.RTCMR is set). In
addition, this bit is reset to 0 when this register is read.
1: Time registers updated
0: No update occurred since the last read
Bit 5 - Alarm Interrupt Flag (AF)
This is a read/write bit that is reset to 0 on RTC reset
(i.e., any reset and when SIBCST1.RTCMR is set). In
addition, this bit is reset to 0 when this register is read.
1: Alarm condition detected
0: No alarm detected since the last read
Bit 6 - Periodic Interrupt Flag (PF)
This is a read/write bit that is reset to 0 on RTC reset
(i.e., any reset and when SIBCST1.RTCMR is set). In
addition, this bit is reset to 0 when this register is read.
1: Transition occurred on the selected tap of the divid-
er chain
0: No transition occurred on the selected tap since the
last read
DV2
DV1
DV0
Selected
Bank
Configuration
CRA
6
CRA
5
CRA
4
0
0
0
Bank 0
Oscillator Disabled
0
0
1
Bank 0
Oscillator Disabled
0
1
0
Bank 0
Normal Operation
0
1
1
Bank 1
Normal Operation
1
0
0
Bank 2
Normal Operation
1
0
1
Undefined
Test
1
1
0
Bank 0
Divider Chain Reset
1
1
1
Bank 0
Divider Chain Reset
76543210
SET
PIE
AIE
UIE
0
DM
HM
DSE
76543210
IRQF
PF
AF
UF
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com