Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 25Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 26Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 27Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 28Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 29Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 30Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 31Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 32Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 168 page
background image
Signal/Pin Connection and Description
29
www.national.com
1. PB5 is initialized upon reset as an output port with data set to 1. This allows the
PC87570 firmware to use it as GA20.
2. PB6 is always configured as output and with its alternate function enabled. See
Section 5.11.4 on page 53.
2.6
SYSTEM CONFIGURATION REGISTERS
2.6.1
Module Configuration Register (MCFG)
The MCFG Register is a read/write, byte-wide register. It is
used for global system configuration and setup.
Write operations to the MCFG Register should write zeros
to all reserved bits. Upon reset, non-reserved bits of MCFG
are cleared to 0. MCFG can be written in Active mode only.
Its contents is preserved in Idle mode.
In IRE environment, all fields of MCFG should be used to
designate associated pins as GPIO ports or for their alter-
nate functions. In IRD and Dev environments, the pins are
always allocated for IRD or Dev use. The I/O ports function-
ality can be implemented using off-chip logic.
To guarantee binary and cycle-by-cycle compatibility
among the different environments, define the MCFG fields
as required for IRE even when in IRD or Dev environments,
and use the I/O Expansion protocol to build an off-chip im-
plementation of the I/O ports when they are used by the ap-
plication.
ADBs or ISE systems may use the MCFG Shadow (MCFG-
SH) Register to select the functionality of the signal that
reaches the user’s application.
Bit 0 - Base Memory Shadow Off (SHOFF)
While cleared, the Base Memory can be accessed start-
ing from address 10000h and the External Memory can-
not be accessed. When set, this signal turns off the
Base Memory shadow (i.e., the copy that starts at ad-
dress 00000h) and enables access to the External
Memory. Once SHOFF is set, the firmware should not
clear it.
Bit 1 - Shared Memory Access Enable (SHMEM)
The host processor is enabled to access the shared
memory only when SHMEM and SHOFF are set. Addi-
tional conditions to the host access are described in
Sections 2.7 on page 30 and 5.2 on page 49. When
SHMEM is cleared the host access to the shared mem-
ory is disabled. Once SHMEN is set, the firmware
should not clear it.
Bit 2 - External Memory 16-Bit (EXM16)
While cleared, it defines the External Memory as 8 bits
wide. When set it enables the use of a 16-bit wide Exter-
nal Memory. The bus width as indicated in this register
and the bus width as defined in zone0 of the BIU
(SZCFG0) should be the same.
When a 16-bit wide External Memory is used, ports
PF0-7 and PG4 serve as part of the memory interface.
PG0/SELIO
PG0
I/O
SELIO
Dev or IRD Env;
IRE Env when
MCFG.EXIOE=1
PG1/A15/CBRD
PG1
A15/CBRD
Dev or IRD Env;
IRE Env when
MCFG.A15E=1
PG2/CLK
PG2
CLK
Dev or IRD Env;
IRE Env when
MCFG.CLKOE=1
PG3/SEL1
PG3
SEL1
Dev or IRD Env;
IRE Env when
MCFG.EXM16=1
PG4/WR1
PG4
WR1
PH0/BST0/ENV0
PH0
I/O
BST0
Dev Env
PH1/BST1/ENV1
PH1
BST1
PH2/BST2
PH2
BST2
PH3/PFS
PH3
PFS
PH4/PLI
PH4
PLI
PH5/ISE
PH5
ISE
Pin Name
Port Signal
Alternate
Function
Select
(Alternate Function)
Name
Type
7
6
5
4
3
2
1
0
Res
CLKOE EXIOE A15E EXM16 SHMEM SHOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com