Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 34Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 35Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 36Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 37Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 38Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 39Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 40Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 41Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 168 page
background image
Bus Interface Unit (BIU)
38
www.national.com
3.3.4
Late Write Bus Cycle
If the BCFG.EWR configuration bit is 0, the BIU uses the
late write bus cycle. The basic late write bus cycle takes two
clock cycles. This write bus cycle requires the RD signal in
the memory device interface.
A write bus cycle starts at T1, when the data bus is in TRI-
STATE, the address is placed on the address bus and SELn
(or SELIO) is activated. Next, WR0-1 are activated; RD is
inactive to indicate this is a write transaction.
At the first TIW or T2 (when there is no TIW cycles), the data
is placed on the data bus. The bus cycle is completed at T2,
when WR0-1 deactivates; the address and data remain val-
id until T2 is completed.
After T2, the number of Thold cycles specified by SZCF-
Gn.HOLD (may be 0) are added. When Thold cycles are
added, the address and data remain valid until the end of
the last Thold cycle. SELn (or SELIO) is deactivated on the
first Thold cycle. When no Thold cycles are specified, SELn
(or SELIO) is deactivated in the clock cycle after T2, unless
another read or write from the same zone follows. The data
is put in TRI-STATE in the clock cycle after the last Thold or
T2 (if no Thold cycle is configured). See Figures 3-4, 3-5 and
3-6.
Hold cycles
according to
SZCFGn.HOLD
SZCFGn.HOLD
≠ 0
SZCFGn.WAIT
≠ 0
SZCFGn.WAIT = 0
First Thold
SELn inactive
Hold cycles completed
Address placed on A0-15
SELn: activated
WR0-1: activated
Data placed
on D0-15
Internal waits completed
SZCFGn.HOLD=0
Address on A0-15 invalid/changed
Data put in TRI-STATE
SELn inactive
Data placed on D0-15
WR0-1: inactive
Internal waits corresponding to SZCFGn.WAIT
T1
T2
Thold
TIW
T1
end
begin
Note: Any reference to SZCFGn also applies to the IOCFG Register.
Figure 3-4. Late Write Bus Cycle
Any reference to SELn also applies to the SELIO signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com