Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 62Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 63Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 64Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 65Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 66Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 67Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 68Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 69Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 168 page
background image
Real-Time Clock (RTC) and Advanced Power Control (APC)
66
www.national.com
Figure 6-3. Divider Chain Control
Bits 6-4 (DV2-0) of the CRA Register control the following
functions:
q
Normal operation of the divider chain (counting)
q
Divider chain reset to 0
q
Bank selection scheme
q
Oscillator activity when only VBAT power is present
(backup state).
The divider chain can be activated by setting normal opera-
tional mode (bits 6-4 of CRA = 01X or 100). The first update
occurs 500 ms after divider chain activation.
Bits 3-0 of the CRA Register select one the of fifteen taps
from the divider chain to be used as a periodic interrupt. The
periodic flag becomes active after half of the programmed
period has elapsed, following divider chain activation.
See Section 6.3.1 on page 69 for more details.
6.2.9
Timekeeping
Data Format
Time is kept in BCD or binary format, as determined by bit
2 (DM) of Control Register B (CRB), and in either 12 or 24-
hour format, as determined by bit 1 of this register.
Note: When changing the above formats, re-initialize all
the time registers.
Daylight Saving
Daylight saving time exceptions are handled automatically,
as described in "Bit 0 - Daylight Saving Enable (DSE)" on
page 70.
Leap Years
Leap year exceptions are handled automatically by the in-
ternal calendar function. Every four years, February is ex-
tended to 29 days. Year 2000 is a leap year.
6.2.10
Updating
The time and calendar registers are updated once per sec-
ond regardless of bit 7 (SET) of the CRB Register. Since the
time and calendar registers are updated serially, unpredict-
able results may occur if they are accessed during the up-
date. Therefore, you must ensure that reading or writing to
the time storage locations does not coincide with a system
update of these locations. There are several methods to
avoid this contention.
Method 1
1. Set bit 7 of the CRB Register to 1. This takes a “snap-
shot” of the internal time registers and loads them into
the user copy registers. The user copy registers are
seen when accessing the RTC from outside, and are
part of the double buffering mechanism. You may keep
this bit set for up to 1 second, since the time/calendar
chain continue to be updated once per second.
2. Read or write the required registers (since bit 1 is set,
you will be accessing the user copy registers). If you
perform a read operation, the information you read is
correct from the time when bit 1 was set. If you perform
a write operation, you will write only to the user copy
registers.
3. Reset bit 1 to 0. During the transition, the user copy reg-
isters update the internal registers, using the double
buffering mechanism to ensure that the update is per-
formed between two time updates. This mechanism en-
ables new time parameters to be loaded in the RTC.
Method 2
1. Access the RTC registers after detection of an Update
Ended interrupt. This implies that an update has just
been completed and 999 ms remain until the next up-
date.
2. To detect an Update Ended interrupt, you may either:
a.
Poll bit 4 (UF) of Control Register C (CRC)
b. Use the following interrupt routine:
— Set bit 4 (UIE) of the CRB Register.
— Wait for an interrupt from IRQ8 pin.
— Clear the IRQF flag of the CRC Register before
exiting the interrupt routine.
Method 3
Poll bit 7 (UIP) of the CRA Register. The update occurs
244
µs after this bit goes high. Therefore, if a 0 is read, the
time registers will remain stable for at least 244
µs.
Method 4
Use a periodic interrupt routine to determine if an update cy-
cle is in progress, as follows:
1. Set the periodic interrupt to the desired period.
2. Set bit 6 (PIE) of the CRB Register to enable the inter-
rupt from periodic interrupt.
3. Wait for the periodic interrupt appearance. This indi-
cates that the period represented by the following ex-
pression remains until another update occurs:
[(Period of periodic interrupt
/ 2) + 244 µs]
32.768 KHz
2
1
2
2
2
3
2
13
2
14
2
15
1Hz
Divider Chain
DV2 DV1 DV0
CRA Register
Osc
Enable
Bank
Select
32KX1
32KX2
To other
Reset
6
5
4
3
modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com