Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 50Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 51Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 52Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 53Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 54Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 55Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 56Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 57Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 168 page
background image
Host Bus Interface (HBI)
54
http://www.national.com
5.11.5
HDEN Strap
The HDEN strap input pin defines if the legacy devices with-
in the PC87570 are accessible from the host after reset, or
if the host must enable access to them. This impacts the
KBC, the PM, and the RTC/APC. Access to the shared
memory is not affected by this strap.
HDEN is sampled on power-up reset (see Section 2.4), but it
sets the host configuration default value on any reset.
When HDEN is low (0), the HBI is disabled and must be en-
abled using the motherboard PnP protocol.
When HDEN is high (1), the HBI is enabled with its default
legacy addresses.
5.11.6
GA20 Pin Functionality
The GA20 (Gate Address A20) is intended to implement the
memory management in a PC architecture. This allows the
access to the extended memory needed by the operating
system. In PC87570, the GA20 function is implemented by
a port used as an output. Port PB5 is recommended to be
used as GA20 since its default state after reset is output
driving high. The firmware running on the CR16A may
change the GA20 pin state by modifying the PBDOUT reg-
ister, bit 5. There is no special hardware or multiplexing on
this pin. Since there is no multiplexing, the PBALT bit 5, is
always 0, and any writes to it are disregarded. The pin may
be used as a GPIO. However, please note that this pin
wakes up differently than the other seven pins in the same
port, which are waking up as inputs.
5.11.7
Host Driven Wake-Up
When the PC87570 is in Idle mode, it will wake-up to Active
mode in response to an access on the host interface bus. A
wake-up event is sent to the MIWU (WUI26) in any of the
following cases:
q
Either HMEMWR or HMEMRD is active, together with
HMEMCS
q
Either HIORD or HIOWR is active, and the host ac-
cesses an enabled device at its valid address (i.e., ei-
ther KBC, PM, RTC, APC or the host configuration
registers).
5.11.8
APC-ON and APC-OFF Events
The APC sends APC-ON to indicate a wake-up request,
and APC-OFF to indicate an off command from the host.
The APC-OFF event is enabled using APCOFFE in the
CST2 Register. To disable APC-OFF, clear this bit (and not
the MIWU Enable bit).
5.12 HBI REGISTERS ACCESSED BY CR16A
The PC87570 has 15 CR16A-accessed registers that con-
trol the host interface channel, listed with their addresses in
Table 5-2.
Table 5-2. HBI Registers Accessed by CR16A
HRSTO
Host Reset
Extend Logic
Figure 5-5. HRSTO Generation Scheme
CST2.HRSTO
SHBM=0 & HRMS=1
HMEMRD or HMEMWR are
active while MEMCS is active
Access cannot be completed
Mnemonic
Register Name
Address
CST1
Control and Status Register 1
F900h
CST2
Control and Status Register 2
F902h
RTCCA
RTC Core Address Register
F904h
RTCCD
RTC Core Data Register
F906h
HCFGBAL Host Configuration Base Address
Low
F908h
HCFGBAH Host Configuration Base Address
High
F90Ah
HICTRL
Host Interface Control Register
FEA0h
HIIRQC
Host Interface IRQ Control Register FEA2h
HIKMST
Host Interface KBC Status Register FEA4h
HIKDO
Host Interface Keyboard Data Out
Buffer Register
FEA6h
HIMDO
Host Interface Mouse Data Out
Buffer Register
FEA8h
HIKMDI
Host Interface KBC Data In Buffer
Register
FEAAh
HIPMST
Host Interface PM Port Status
Register
FEACh
HIPMDO
Host Interface PM Data Out Buffer
Register
FEAEh
HIPMDI
Host Interface PM Data In Buffer
Register
FEB0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com