Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 48Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 49Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 50Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 51Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 52Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 53Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 54Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 55Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 168 page
background image
Host Bus Interface (HBI)
52
http://www.national.com
5.7
PM CHANNEL
The PM channel structure is almost identical to the structure
of the PS/2 channel (see Figure 5-3), with two differences:
their addresses; the PM channel generates only one inter-
rupt to the host.
The host interface of the PM function is compatible with
8051SL interface. Its structure and operation are similar to
those of the KBC channel., with the following differences:
q
Host addresses at 62 and 66 (default)
q
One IRQ issue (IRQ11) on output buffer full
q
The core has one address for the output buffer
Control bits and interrupts are separated by different names
(see Figure 5-3 and register descriptions).
.
5.8
RTC/APC CHANNEL
The RTC/APC channel enables communication with this
module from both the host and the CR16A by using an In-
dex and Data register pair. Upon reset, the host can access
these registers at 0070h and 0071h. For more information,
please refer to Section 6.2.1.
5.9
CR16A INTERRUPTS
The host interface generates four level interrupts to the ICU.
These can be used by the firmware for an interrupt driven
control of the KBC and/or PM channels.
5.10 HOST INTERRUPTS
The HBI supports four interrupts to the host:
q
Keyboard interrupt, IRQ1
q
Mouse interrupt, IRQ12
q
PM interrupt, IRQ11
q
RTC/APC interrupt, IRQ8
These interrupts may be controlled by the hardware accord-
ing to the status of the host interface buffers or when the
PC87570 firmware toggles the bit value.
When IRQ1, IRQ12 and/or IRQ11 are disabled (OBFKIE,
OBFMIE and/or PMHIE in the HICTRL Register are
cleared), the firmware can control the IRQ1, IRQ12 and
IRQ11 signals by writing to the signal’s respective bit in the
HIIRQC Register. When IRQ1, IRQ12 and/or IRQ11 are
controlled by hardware (OBFKIE, OBFMIE and/or PMHIE in
the HICTRL Register are set to 1), interrupt to the host is
generated according to the status of OBF in the HIKMST
Register.
In normal polarity mode (IRQNPOL in the HIIRQC Register
is 0), the PC87570 supports two types of interrupts: edge or
level. When an edge interrupt is selected (IRQM in the HI-
IRQC Register is not 0), the interrupt signal default value is
high (1). When an interrupt signal needs to be sent (i.e., the
corresponding OBF flag is set), a negative pulse is generat-
ed. The pulse width is determined by IRQM.
When a level interrupt is selected, (IRQM in the HIIRQC
Register is 0), the interrupt signal is usually low (0) and is
asserted (1) to indicate that the respective OBF flag is set.
The signal is de-asserted (0) when the output buffer is read
(i.e., the corresponding OBF flag is cleared).
Note that IRQ1 and IRQ12 have the same OBF flag but are
asserted separately. Either IRQ1 or IRQ12 is set, depend-
ing on the internal register written (HIKDO or HIMDO, re-
spectively).
In negative polarity mode (when IRQNPOL of the HIIRQC
Register is set to1), the IRQ signal behavior is exactly op-
posite from normal polarity mode.
The PC87570 firmware can read IRQ1, IRQ12 and IRQ11
pins’ value by performing a read operation from IRQ1B,
IRQ12B and IRQ11B in the HIIRQC Register.
STATUS
D0-7
D0-7
Input
Output
Interrupts to CR16A
IRQ11
Peripheral Bus
Resident Device Bus
Interrupt to the host
Figure 5-3. PM Channel
DBBOUT
DBBIN
Buffer
Empty
Buffer
Full
(PM)
0062h
0062h
0066h
0066h
STATUS
COMMAND
DATA
DATA
HIPMST
FEACh
HIPDO
FEAEh
HIPMDI
FEB0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com