Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 19Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 20Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 21Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 22Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 23Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 24Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 25Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 26Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 168 page
background image
Signal/Pin Connection and Description
23
www.national.com
HIOW
145
159
TTL
-
Host I/O Write. Active-low input that signals an
I/O data write by the host processor.
HMEMCS
143
157
TTL
-
Host BIOS Memory Chip Select. This signal is
in use when the shared memory configuration is
enabled (SHBM=0). See pin “SHBM” below .
See also Table 2-5 on page 27.
HMEMRD
148
162
TTL
-
Host Memory Read. Active-low input that sig-
nals a memory data read by the host processor.
This signal is in use when the shared memory
configuration is enabled (SHBM=0). See pin
“SHBM” below . See also Table 2-5 on page 27.
HMEMWR
149
163
TTL
-
Host Memory Write. Active-low input that sig-
nals a memory data write by the host processor.
This signal is in use when the shared memory
configuration is enabled (SHBM=0). See pin
“SHBM” below . See also Table 2-5 on page 27.
For AC parameters, refer to Section 19.5.4 on
page 150.
HMR
150
164
CMOSS
-
Master Reset. A rising edge that resets the
PC87570. See details at Section 2.3.4 on page
26.
HPWRON
151
165
CMOSS
-
Host Power On. Indicates that the host power
supply is on, and the host bus interface signals
are valid. While HPWRON is low, the host
inputs are ignored, and all outputs are either
floating or driven low. See Section 5.11.2 on
page 53.
HRMS
95
105
STRAP
-
Host Reset Mode Select, strap pin. When pulled
high during power-up reset, enables sending
reset event to the Host processor when the
shared BIOS is accessed while the PC87570 is
not in Active mode, or the MCFG.SHOFF or
MCFG.SHMEN are 0. When low, the host
access is extended until the PC87570 com-
pletes its execution.
HRSTO
71
77
-
CM
Host Reset Output
IRQ1
142
156
TTL
CMHD2
OD2
Interrupt 1. Active-high output to signal a key-
board interrupt. This bit is set when the KBC
port output buffer is full with data to the key-
board driver.
IRQ8
141
155
-
OD2
Interrupt 8. Active-low output that Indicates an
RTC interrupt.
IRQ11
140
154
TTL
CMHD2
OD2
Interrupt 11. Active-high output that indicates an
output buffer full in the Power Management port
of the Host I/F.
IRQ12
139
153
TTL
CMHD2
OD2
Interrupt 12. Active-high output that indicates a
mouse interrupt. This bit is set when the KBC
port output buffer is full with data for the mouse
driver.
ISE
89
99
TTL
-
ISE Interrupt. Reserved for use by the develop-
ment system.
Signal
Pin Number
Buffer Type
Function
160-pin
176-pin
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com