Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 74 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 74 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 70Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 71Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 72Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 73Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 74Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 75Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 76Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 77Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 78Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 168 page
background image
Real-Time Clock (RTC) and Advanced Power Control (APC)
74
www.national.com
6.7
REGISTER BANKS
Table 6-7. Bank 0 Register Memory Map
Offset
Register
Format
Value
Type
Function
BCD
Binary
Power-On
Reset
00h
Seconds
00-59
00-3B
R/W
01h
Seconds
Alarm
00-59
00-3B
R/W
02h
Minutes
00-59
00-3B
R/W
03h
Minutes Alarm 00-59
00-3B
R/W
04h
Hours
12H 01-12 (AM)
81-92 (PM)
24H 00-23
01-0C (AM)
81-8C (PM)
00-17
3
R/W
05h
Hours Alarm
12H 01-12 (AM)
81-92 (PM)
24H 00-23
01-0C (AM)
81-8C (PM)
00-17
R/W
06h
Day of Week
01-07
01-07
R/W
Sunday = 1
07h
Date of Month 01-31
01-1F
R/W
08h
Month
01-12
01-0C
R/W
09h
Year
00-99
00-63
R/W
0Ah
CRA
R/W Bit 7=Read
0Bh
CRB
R/W Bit 3=Read
0Ch
CRC
Read
0Dh
CRD
Read
0Eh-
3Fh
General
Purpose RAM
R/W
40h-
7Fh
General
Purpose RAM
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com